전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KPA-1606SURCK 데이터시트(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

부품명 KPA-1606SURCK
상세설명  1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
홈페이지  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KPA-1606SURCK 데이터시트(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KPA-1606SURCK Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPA-1606SURCK Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPA-1606SURCK Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPA-1606SURCK Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAD2552 / 1203000476
Rev No: V.20A Date: 09/26/2017
Page 2 / 4
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
KPA-1606SURCK
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Hyper Red
645
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Hyper Red
630
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Hyper Red
28
-
nm
Capacitance
C
Hyper Red
35
-
pF
Forward Voltage IF = 20mA
VF
[2]
Hyper Red
1.95
2.5
V
Reverse Current (VR = 5V)
IR
Hyper Red
-
10
uA
Parameter
Symbol
Value
Unit
Power Dissipation
PD
75
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
mA
Peak Forward Current
IFM
[1]
185
mA
Electrostatic Discharge Threshold (HBM)
-
3000
V
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Kingbright


유사한 부품 번호 - KPA-1606SURCK

제조업체부품명데이터시트상세설명
logo
HK TO-GRACE TECHNOLOGY ...
KPA-1606SECK TO-GRACE-KPA-1606SECK Datasheet
814Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606SYCK TO-GRACE-KPA-1606SYCK Datasheet
836Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
More results

유사한 설명 - KPA-1606SURCK

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APA1606ZGCK KINGBRIGHT-APA1606ZGCK Datasheet
278Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
APA1606VRBXF-A-5MAV KINGBRIGHT-APA1606VRBXF-A-5MAV Datasheet
289Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPA-1606QBC-D TO-GRACE-KPA-1606QBC-D Datasheet
834Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606SYCK TO-GRACE-KPA-1606SYCK Datasheet
836Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606VBC-D TO-GRACE-KPA-1606VBC-D Datasheet
846Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606CGCK TO-GRACE-KPA-1606CGCK Datasheet
845Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606ZGC TO-GRACE-KPA-1606ZGC Datasheet
831Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606QBC-G TO-GRACE-KPA-1606QBC-G Datasheet
834Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606SECK TO-GRACE-KPA-1606SECK Datasheet
814Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APA1606ZGC-G KINGBRIGHT-APA1606ZGC-G Datasheet
276Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com