전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA72CB0 데이터시트(PDF) 6 Page - Bourns Electronic Solutions

부품명 SA72CB0
상세설명  Breaker (Surface Mount Thermal Cutoff Device)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SA72CB0 데이터시트(HTML) 6 Page - Bourns Electronic Solutions

  SA72CB0 Datasheet HTML 1Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 2Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 3Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 4Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 5Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 6Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 7Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 8Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Part Marking
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
SASeriesBreaker(SurfaceMountThermalCutoffDevice)
Application Temperature Range
...........................................-30 ~ 100 °C
Storage Conditions
1) The breaker must be stored in the standard packaging with the following conditions:
ambient temperature of -10 to +40 °C, RH <75 % with no radical temperature
change, direct sunshine, excessive vibration or shock.
2) Avoid storage locations where there is a possibility of generating corrosive gas
such as from salt breeze, chlorine, hydrogen sulfide, ammonium, sulfide-oxidation,
hydrogen chloride, acetate, etc.
3) Storage period should be no longer than 24 months from date of shipment.
DATECODE:
MONTH(1~9,X,Y,Z)
DATE
YEAR
MACHINENO.
ROMANNUMERAL(I,II,III,ETC.)or
ARABICNUMERAL(1,2,3,ETC.)=OKAYAMAFACTORY
ALPHABET=SHIGAFACTORY
9016L
11
SA
77SB0
SERIESDESIGNATOR
MANUFACTURER’S
INTERNALCODE
(ALPHANUMERICCHARACTER)
TRIPTEMPERATURE-°C
(72,77,82,85)
ARMMATERIAL
(C=CuALLOYLOWCURRENTTYPE,S=CuALLOYHIGHCURRENTTYPE)
SPECIALSPECIFICATIONCODE
(RESINTYPE,MFG.INTERNALCODE,DESIGNMARK,ETC.)
TERMINALTYPE
(0=4TERMINALS,1.3mmLENGTH)


유사한 부품 번호 - SA72CB0

제조업체부품명데이터시트상세설명
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264A SILAN-SA7264A Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264B SILAN-SA7264B Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
More results

유사한 설명 - SA72CB0

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SC72AAA BOURNS-SC72AAA Datasheet
635Kb / 8P
   Breaker (Surface Mount Thermal Cutoff Device)
SA72SB0 BOURNS-SA72SB0 Datasheet
576Kb / 7P
   Breaker (Surface Mount Thermal Cutoff Device)
NR77AB0 BOURNS-NR77AB0 Datasheet
540Kb / 5P
   Breaker (Thermal Cutoff Device)
HC72AY-1 BOURNS-HC72AY-1 Datasheet
601Kb / 5P
   Breaker (Thermal Cutoff Device)
CB72ABB BOURNS-CB72ABB Datasheet
646Kb / 6P
   CB Series Breaker (Thermal Cutoff Device)
KCA77AB0 BOURNS-KCA77AB0 Datasheet
425Kb / 5P
   A-Type Breaker (Thermal Cutoff Device)
AC72ABD BOURNS-AC72ABD Datasheet
673Kb / 6P
   AC Series Breaker (Thermal Cutoff Device)
P-TCO-U BOURNS-P-TCO-U Datasheet
634Kb / 5P
   Polymeric Thermal Cutoff Device
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
NTE Electronics
NTE8065 NTE-NTE8065_16 Datasheet
61Kb / 1P
   Thermal Cutoff
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com