전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV038N20 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 MTV038N20
상세설명  On-Screen Display Controller for CRT/LCD Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

MTV038N20 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTV038N20 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Revision 1.1
-6-
2001/8/21
MTV038
(Revision 1.1)
MYSON
TECHNOLOGY
3.2 Address bus administrator
The administrator manages bus address arbitration of internal registers or user fonts RAM during external
data write in. The external data write through serial data interface to registers must be synchronized by inter-
nal display timing. In addition, the administrator also provides automatic increment to address bus when exter-
nal write using format (c).
3.3 Vertical display control
The vertical display control can generates different vertical display sizes for most display standards in current
monitors. The vertical display size is calculated with the information of double character height bit(CHS), verti-
cal display height control register(CH6-CH0).The algorithm of repeating character line display are shown as
Table 2 and Table 3. The programmable vertical size range is 270 lines to maximum 2130 lines.
The vertical display center for full screen display could be figured out according to the information of vertical
starting position register (VERTD) and VFLB input. The vertical delay starting from the leading edge of VFLB,
is calculated with the following equation:
Vertical delay time = ( VERTD * 4 + 1 ) * H
Where H = one horizontal line display time
Note:" v " means the nth line in the character would be repeated once, while " - " means the nth line in the
character would not be repeated.
3.4 Horizontal display control
The horizontal display control is used to generate control timing for horizontal display based on double char-
acter width bit (CWS), horizontal positioning register (HORD), horizontal resolution register (HORR), and
HFLB input. A horizontal display line consists of (HORR*12) dots which include 360 dots for 30 display char-
TABLE 2. Repeat Line Weight of Character
CH6 - CH0
Repeat Line Weight
CH6,CH5=11
+18*3
CH6,CH5=10
+18*2
CH6,CH5=0x
+18
CH4=1
+16
CH3=1
+8
CH2=1
+4
CH1=1
+2
CH0=1
+1
TABLE 3. Repeat Line Number of Character
Repeat Line
Weight
Repeat Line #
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
+1
-
-
-
-
-
-
-
-
v
-
-
-
-
-
-
-
-
-
+2
-
-
-
-
v
-
-
-
-
-
-
-
v
-
-
-
-
-
+4
-
-
v
-
-
-
v
-
-
-
v
-
-
-
v
-
-
-
+8
-
v
-
v
-
v
-
v
-
v
-
v
-
v
-
v
-
-
+16
-
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
-
+17
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
-
+18
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v


유사한 부품 번호 - MTV038N20

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV030 ETC-MTV030 Datasheet
372Kb / 21P
   On-Screen Display with Auto-Sizing Controller
More results

유사한 설명 - MTV038N20

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com