전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFAF320480C4-035T 데이터시트(PDF) 8 Page - Crystalfontz America, Inc.

부품명 CFAF320480C4-035T
상세설명  TFT DISPLAY MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRYSTAIFONTZ [Crystalfontz America, Inc.]
홈페이지  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAF320480C4-035T 데이터시트(HTML) 8 Page - Crystalfontz America, Inc.

Back Button CFAF320480C4-035T Datasheet HTML 4Page - Crystalfontz America, Inc. CFAF320480C4-035T Datasheet HTML 5Page - Crystalfontz America, Inc. CFAF320480C4-035T Datasheet HTML 6Page - Crystalfontz America, Inc. CFAF320480C4-035T Datasheet HTML 7Page - Crystalfontz America, Inc. CFAF320480C4-035T Datasheet HTML 8Page - Crystalfontz America, Inc. CFAF320480C4-035T Datasheet HTML 9Page - Crystalfontz America, Inc. CFAF320480C4-035T Datasheet HTML 10Page - Crystalfontz America, Inc. CFAF320480C4-035T Datasheet HTML 11Page - Crystalfontz America, Inc. CFAF320480C4-035T Datasheet HTML 12Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Crystalfontz
CFAF320480C4-035T TFT Display Module
www.crystalfontz.com
Datasheet Release Date 2017-09-07
Page | 8
Pin
Symbol
Level
Direction
Function
39-42
NC
-
-
CFAF320480C4-035T (no touch screen): No Connection.
43
A1 (LED+)
-
-
Common supply pin for LEDs. “A” (anode) or “+” of LED backlight.
44-49
LEDK1-
LEDK6
(LED-)
-
-
Individual supply pins for LED. “K” (cathode) or “-” of LED
backlight.
50
GND
-
-
Ground
7. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Notes
Digital Supply Voltage
VDD
-0.3
4.6
V
(1)(2)
Digital Interface Supply Voltage
VDDIO
-0.3
4.6
V
(1)(2)
Operating Temperature
TOP
-20
+70
°C
-
Storage Temperature
TST
-30
+80
°C
-
Notes:
(1)
These are stress ratings only. Extended exposure to the absolute maximum ratings listed above
may affect device reliability or cause permanent damage.
(2)
Functional operation should be restricted to the limits in the Electrical Characteristics table below.
8. Electrical Characteristics
Item
Symbol
Min
Typ
Max
Unit
Digital Supply Voltage
VDD
2.4
3.3
4.2
V
Digital Interface Supply Voltage
VDDIO
1.65
3.3
4.2
V
Current for Normal Operation
IDD
-
10
-
mA
High-level Input
VIH
0.7 x VDDIO
-
VDDIO
V
Low-level Input
VIL
GND
-
0.3 x VDDIO
V
High-level Output
VOH
0.8 x VDDIO
-
VDDIO
V
Low-level Output
VOL
0v (GND)
-
0.2 x VDDIO
V


유사한 부품 번호 - CFAF320480C4-035T

제조업체부품명데이터시트상세설명
logo
Crystalfontz America, I...
CFAF320480C5-035T-TS CRYSTAIFONTZ-CFAF320480C5-035T-TS Datasheet
734Kb / 13P
   TFT DISPLAY MODULE
More results

유사한 설명 - CFAF320480C4-035T

제조업체부품명데이터시트상세설명
logo
Crystalfontz America, I...
CFAF240320D-032T CRYSTAIFONTZ-CFAF240320D-032T Datasheet
625Kb / 12P
   TFT DISPLAY MODULE
CFAF240320K1-024T-RT CRYSTAIFONTZ-CFAF240320K1-024T-RT Datasheet
510Kb / 13P
   TFT DISPLAY MODULE
CFAF240400A0-030T CRYSTAIFONTZ-CFAF240400A0-030T Datasheet
2Mb / 12P
   TFT DISPLAY MODULE
CFAF240400B0-030T CRYSTAIFONTZ-CFAF240400B0-030T Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
CFAF480272C2-043T-TS CRYSTAIFONTZ-CFAF480272C2-043T-TS Datasheet
719Kb / 15P
   TFT DISPLAY MODULE
CFAF320480C5-035T-TS CRYSTAIFONTZ-CFAF320480C5-035T-TS Datasheet
734Kb / 13P
   TFT DISPLAY MODULE
CFAF320240F-035T-TS CRYSTAIFONTZ-CFAF320240F-035T-TS Datasheet
1Mb / 17P
   TFT DISPLAY MODULE
CFAF176220U-020T CRYSTAIFONTZ-CFAF176220U-020T Datasheet
354Kb / 13P
   TFT DISPLAY MODULE
CFAF240320E-022T CRYSTAIFONTZ-CFAF240320E-022T Datasheet
289Kb / 12P
   TFT DISPLAY MODULE
CFAF480128A0-039TN CRYSTAIFONTZ-CFAF480128A0-039TN Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com