전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7809E 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA7809E
상세설명  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7809E 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA7809E Datasheet HTML 1Page - Fairchild Semiconductor KA7809E Datasheet HTML 2Page - Fairchild Semiconductor KA7809E Datasheet HTML 3Page - Fairchild Semiconductor KA7809E Datasheet HTML 4Page - Fairchild Semiconductor KA7809E Datasheet HTML 5Page - Fairchild Semiconductor KA7809E Datasheet HTML 6Page - Fairchild Semiconductor KA7809E Datasheet HTML 7Page - Fairchild Semiconductor KA7809E Datasheet HTML 8Page - Fairchild Semiconductor KA7809E Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Output Current up to 1A
• Output Voltages of 5, 6, 8, 9, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Protection
Description
The KA78XXE/KA78XXAE series of three-terminal posi-
tive regulator are available in the TO-220/D-PAK package
and with several fixed output voltages, making them useful
in a wide range of applications. Each type employs internal
current limiting, thermal shut down and safe operating area
protection, making it essentially indestructible. If adequate
heat sinking is provided, they can deliver over 1A output
current. Although designed primarily as fixed voltage
regulators, these devices can be used with external
components to obtain adjustable voltages and currents.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
GND
GND
Internal Block Diagram
SERIES
PASS
ELEMENT
SOA
PROTECTION
ERROR
AMPLIFIER
THERMAL
PROTECTION
CURRENT
GENERATOR
REFERENCE
VOLTAGE
STARTING
CIRCUIT
OUTPUT
3
GND
2
INPUT
1
KA78XXE/KA78XXAE
3-Terminal 1A Positive Voltage Regulator


유사한 부품 번호 - KA7809E

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7809E FAIRCHILD-KA7809E Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809E FAIRCHILD-KA7809E Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809ER FAIRCHILD-KA7809ER Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809ER FAIRCHILD-KA7809ER Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809ERTM FAIRCHILD-KA7809ERTM Datasheet
2Mb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

유사한 설명 - KA7809E

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com