전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

OP215 데이터시트(PDF) 4 Page - Analog Devices

부품명 OP215
부품 상세설명  Dual Precision JFET-Input Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP215 데이터시트(HTML) 4 Page - Analog Devices

  OP215 Datasheet HTML 1Page - Analog Devices OP215 Datasheet HTML 2Page - Analog Devices OP215 Datasheet HTML 3Page - Analog Devices OP215 Datasheet HTML 4Page - Analog Devices OP215 Datasheet HTML 5Page - Analog Devices OP215 Datasheet HTML 6Page - Analog Devices OP215 Datasheet HTML 7Page - Analog Devices OP215 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
OP215
–4–
ORDERING INFORMATION
1
Package
Temperature
TA = 25
∞C,
Model
Type
Range
VOS Max (mV)
OP215EZ
2
8-Lead CerDIP
COM
1.0
OP215GP
2
8-Lead Plastic DIP
XIND
6.0
For military processed devices, please refer to the standard microcircuit drawing
(SMD) available at www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-8853801GA
2
OP215AJMDA
5962-8853801PA
OP215AZMDA
5962-8838032A
2
OP215BRCMDA
NOTES
1Burn-in is available on commercial and industrial temperature range parts in CerDIP and plastic
DIP packages.
2Not for new design, obsolete April 2002.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP215 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
OP215E, OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Operating Temperature Range
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0
∞C to +70∞C
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Maximum Junction Temperature (Tj) . . . . . . . . . . . . . . 150
∞C
Differential Input Voltage
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±40 V
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage
2
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±16 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
∞C
Junction Temperature (Tj) . . . . . . . . . . . . . –65
∞C to +150∞C
NOTES
1Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2Unless otherwise specified, the absolute maximum negative input voltage is equal
to one volt more positive than the negative power supply voltage.
Package Type
JA *
JC
Unit
8-Lead Hermetic DIP (Z)
134
12
∞C/W
8-Lead Plastic DIP (P)
96
37
∞C/W
* JA is specified for worst-case mounting conditions, i.e., JA is specified for
device in socket for CerDIP and P-DIP packages.
PIN CONFIGURATION
8
7
6
5
1
2
3
4
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
– +
+
AB


유사한 부품 번호 - OP215

제조업체부품명데이터시트부품 상세설명
Analog Devices
Analog Devices
OP215 AD-OP215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
OP215 AD-OP215 Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
TT Electronics.
TT Electronics.
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
OPTEK Technologies
OPTEK Technologies
OP215A OPTEK-OP215A Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
More results

유사한 설명 - OP215

제조업체부품명데이터시트부품 상세설명
Analog Devices
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
New Japan Radio
New Japan Radio
NJM8502 NJRC-NJM8502 Datasheet
560Kb / 10P
   Precision, Dual, JFET Input Operational Amplifier
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
Intersil Corporation
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
Texas Instruments
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com