전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

OP215 데이터시트(PDF) 5 Page - Analog Devices

부품명 OP215
상세설명  Dual Precision JFET-Input Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP215 데이터시트(HTML) 5 Page - Analog Devices

  OP215 Datasheet HTML 1Page - Analog Devices OP215 Datasheet HTML 2Page - Analog Devices OP215 Datasheet HTML 3Page - Analog Devices OP215 Datasheet HTML 4Page - Analog Devices OP215 Datasheet HTML 5Page - Analog Devices OP215 Datasheet HTML 6Page - Analog Devices OP215 Datasheet HTML 7Page - Analog Devices OP215 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
–5–
Typical Performance Characteristics–OP215
10
0%
100
90
500ns
5V
TPC 1. Large-Signal Transient
Response
FREQUENCY – Hz
90
1M
10M
100M
16
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
100
110
120
130
140
150
160
170
180
190
200
18
PHASE MARGIN = 66
AV > 10
AV = 1
VS = 15V
TA = 25 C
TPC 4. Closed-Loop Bandwidth and
Phase Shift vs. Frequency
FREQUENCY – Hz
28
100K
24
20
16
12
8
4
0
1M
10M
VS = 15V
TA = 25 C
AV = 1
TPC 7. Maximum Output Swing vs.
Frequency
10
0%
100
90
100ns
20mV
TPC 2. Small-Signal Transient
Response
TEMPERATURE – C
28
–50
VS = 15V
BANDWIDTH VARIATION FROM
5 < VS <
20V IS < 5%
CLOSED-LOOP
BANDWIDTH AV = 1
GAIN BANDWIDTH
PRODUCT
24
20
16
12
8
4
0
–25
0
25
50
75
100
125
TPC 5. Bandwidth vs. Temperature
AMBIENT TEMPERATURE – C
70
–50
AV = 1
VS = 15V
NEGATIVE
60
50
40
30
20
10
0
–25
0
25
50
75
100
125
POSITIVE
TPC 8. Slew Rate vs. Temperature
SETTLING TIME –
s
10
0
5
0
–5
–10
0.5
1.0
1.5
2.0
2.5
VS = 15V
TA = 25 C
AV = –1
10mV
5mV
1mV
10mV
5mV
1mV
TPC 3. Settling Time
FREQUENCY – Hz
120
1
80
60
40
20
0
-20
10
100
1k
10k 100k 1M 10M
100
100M
VS = 15V
TA = 25 C
TPC 6. Open-Loop Frequency
Response
FREQUENCY– Hz
100
1
80
60
40
20
0
10
100
1k
10k 100k 1M
10M 100M
VS = 15V
TA = 25 C
TPC 9. Common-Mode Rejection
Ratio vs. Frequency


유사한 부품 번호 - OP215

제조업체부품명데이터시트상세설명
Analog Devices
Analog Devices
OP215 AD-OP215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
OP215 AD-OP215 Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
TT Electronics.
TT Electronics.
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
OPTEK Technologies
OPTEK Technologies
OP215A OPTEK-OP215A Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
More results

유사한 설명 - OP215

제조업체부품명데이터시트상세설명
Analog Devices
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
New Japan Radio
New Japan Radio
NJM8502 NJRC-NJM8502 Datasheet
560Kb / 10P
   Precision, Dual, JFET Input Operational Amplifier
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
Intersil Corporation
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
Texas Instruments
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com