전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4463BDY-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI4463BDY-T1-E3
상세설명  P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4463BDY-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI4463BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4463BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4463BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4463BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4463BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si4463BDY
Vishay Siliconix
New Product
Document Number: 72789
S-40433—Rev. A, 15-Mar-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
1000
2000
3000
4000
5000
04
8
12
16
20
0.8
0.9
1.0
1.1
1.2
1.3
1.4
−50
−25
0
25
50
75
100
125
150
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
0.00
0.01
0.02
0.03
0.04
0
10203040
50
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 13.7 A
ID − Drain Current (A)
VGS = 10 V
ID = 13.7 A
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.01
0.02
0.03
0.04
0.05
012
34
56
78
TJ = 25_C
ID = 13.7 A
50
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
VGS = 2.5 V
TJ = 150_C
VGS = 4.5 V
VGS = 10 V
ID = 5 A


유사한 부품 번호 - SI4463BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI4463BDY-T1-E3 VBSEMI-SI4463BDY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SI4463BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com