전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

J112 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 J112
상세설명  JFET Chopper Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J112 데이터시트(HTML) 2 Page - ON Semiconductor

  J112 Datasheet HTML 1Page - ON Semiconductor J112 Datasheet HTML 2Page - ON Semiconductor J112 Datasheet HTML 3Page - ON Semiconductor J112 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J112
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL SWITCHING CHARACTERISTICS
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 1. Turn–On Delay Time
RK = 0
TJ = 25°C
VGS(off) = 7.0 V
RK = RD′
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 2. Rise Time
RK = RD′
RK = 0
TJ = 25°C
VGS(off) = 7.0 V
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 3. Turn–Off Delay Time
RK = RD′
RK = 0
TJ = 25°C
VGS(off) = 7.0 V
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 4. Fall Time
RK = RD′
RK = 0
TJ = 25°C
VGS(off) = 7.0 V
NOTE 1
The switching characteristics shown above were measured using a
test circuit similar to Figure 5. At the beginning of the switching
interval, the gate voltage is at Gate Supply Voltage (–VGG). The
Drain–Source Voltage (VDS) is slightly lower than Drain Supply
Voltage (VDD) due to the voltage divider. Thus Reverse Transfer
Capacitance (Crss) or Gate–Drain Capacitance (Cgd) is charged to
VGG + VDS.
During the turn–on interval, Gate–Source Capacitance (Cgs)
discharges through the series combination of RGen and RK. Cgd
must discharge to VDS(on) through RG and RK in series with the
parallel combination of effective load impedance (R
′D) and
Drain–Source Resistance (rds). During the turn–off, this charge flow
is reversed.
Predicting turn–on time is somewhat difficult as the channel
resistance rds is a function of the gate–source voltage. While Cgs
discharges, VGS approaches zero and rds decreases. Since Cgd
discharges through rds, turn–on time is non–linear. During turn–off,
the situation is reversed with rds increasing as Cgd charges.
The above switching curves show two impedance conditions;
1) RK is equal to RD, which simulates the switching behavior of
cascaded stages where the driving source impedance is normally
the load impedance of the previous stage, and 2) RK = 0 (low
impedance) the driving source impedance is that of the generator.
RGEN
50
VGEN
INPUT
RK
50
RGG
VGG
50
OUTPUT
RD
+VDD
RT
SET VDS(off) = 10 V
INPUT PULSE
tr
tf
PULSE WIDTH
DUTY CYCLE
≤ 0.25 ns
≤ 0.5 ns
= 2.0
µs
≤ 2.0%
RGG & RK
RD +
RD(RT
) 50)
RD ) RT ) 50
Figure 5. Switching Time Test Circuit


유사한 부품 번호 - J112

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
NXP Semiconductors
J112 PHILIPS-J112 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
logo
Vishay Siliconix
J112 VISHAY-J112 Datasheet
58Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
101Kb / 5P
   N-Channel Switch
More results

유사한 설명 - J112

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBFJ175LT1G ONSEMI-MMBFJ175LT1G_11 Datasheet
111Kb / 2P
   JFET Chopper
August, 2009 ??Rev. 5
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_11 Datasheet
89Kb / 3P
   JFET Chopper
August, 2011 ??Rev. 5
MMBFJ177LT1 ONSEMI-MMBFJ177LT1 Datasheet
32Kb / 4P
   JFET Chopper
November, 2001 ??Rev. 2
MMBFJ175LT1 ONSEMI-MMBFJ175LT1 Datasheet
56Kb / 4P
   JFET Chopper
MMBFJ175LT1G ONSEMI-MMBFJ175LT1G Datasheet
115Kb / 2P
   JFET Chopper
October, 2016 ??Rev. 7
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_16 Datasheet
79Kb / 3P
   JFET Chopper
October, 2016 ??Rev. 8
logo
Motorola, Inc
MMBFJ177LT1 MOTOROLA-MMBFJ177LT1 Datasheet
57Kb / 4P
   JFET Chopper
MMBFJ175LT1 MOTOROLA-MMBFJ175LT1 Datasheet
76Kb / 4P
   JFET Chopper
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com