전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF442CN 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LF442CN
상세설명  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF442CN 데이터시트(HTML) 3 Page - ON Semiconductor

  LF442CN Datasheet HTML 1Page - ON Semiconductor LF442CN Datasheet HTML 2Page - ON Semiconductor LF442CN Datasheet HTML 3Page - ON Semiconductor LF442CN Datasheet HTML 4Page - ON Semiconductor LF442CN Datasheet HTML 5Page - ON Semiconductor LF442CN Datasheet HTML 6Page - ON Semiconductor LF442CN Datasheet HTML 7Page - ON Semiconductor LF442CN Datasheet HTML 8Page - ON Semiconductor LF442CN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LF441C LF442C LF444C
3
MOTOROLA ANALOG IC DEVICE DATA
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = +25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –10 V to +10 V, RL = 10 kΩ, CL = 10 pF, AV = +1.0)
SR
0.6
6.0
V/
µs
Settling Time
To within 10 mV
ts
1.6
µs
(AV = –1.0, RL = 10 kΩ, VO = 0 V to +10 V)
To within 1.0 mV
2.2
Gain Bandwidth Product (f = 200 kHz)
GBW
0.6
2.0
MHz
Equivalent Input Noise Voltage (RS = 100 Ω, f = 1.0 kHz)
en
47
nV/ Hz
Equivalent Input Noise Current (f = 1.0 kHz)
in
0.01
pA/ Hz
Input Resistance
Ri
1012
Channel Separation (f = 1.0 Hz to 20 kHz)
CS
120
dB
TA, AMBIENT TEMPERATURE (°C)
VICR, INPUT COMMON MODE VOLTAGE (V)
VCC,  VEE, SUPPLY VOLTAGE (V)
2400
2000
1600
1200
800
400
0
–55 –40 –20
0
20
40
60
80
100
120 140
160
TA, AMBIENT TEMPERATURE (°C)
Figure 1. Maximum Power Dissipation versus
Temperature for Package Variations
Figure 2. Input Bias Current versus
Input Common Mode Voltage
Figure 3. Input Bias Current versus Temperature
Figure 4. Supply Current versus Supply Voltage
8 & 14 Pin Plastic
Package
SO–14
SO–8
VCC = +15 V
VEE = –15 V
TA = 25°C
20
15
10
5.0
0
1000
100
10
1.0
0.1
0.01
0.001
300
260
220
180
140
100
–10
–5.0
0
5.0
10
–55
–25
0
25
50
75
100
125
0
5.0
10
15
20
25
VCC = +15 V
VEE = –15 V
VCM = 0 V
125
°C
25
°C
–55
°C


유사한 부품 번호 - LF442CN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LF442CN NSC-LF442CN Datasheet
440Kb / 12P
   Dual Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF442CN/NOPB TI1-LF442CN/NOPB Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
More results

유사한 설명 - LF442CN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com