전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2935D2T 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LM2935D2T
상세설명  LOW DROPOUT DUAL VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2935D2T 데이터시트(HTML) 2 Page - ON Semiconductor

  LM2935D2T Datasheet HTML 1Page - ON Semiconductor LM2935D2T Datasheet HTML 2Page - ON Semiconductor LM2935D2T Datasheet HTML 3Page - ON Semiconductor LM2935D2T Datasheet HTML 4Page - ON Semiconductor LM2935D2T Datasheet HTML 5Page - ON Semiconductor LM2935D2T Datasheet HTML 6Page - ON Semiconductor LM2935D2T Datasheet HTML 7Page - ON Semiconductor LM2935D2T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM2935
2
MOTOROLA ANALOG IC DEVICE DATA
*The main output
is “Off” with switch
S1 open.
An input bypass capacitor is recommended if the regulator is located more than 4
″ from the supply
input filter. The LM2935 is not internally compensated and thus requires an external output capacitor
for stability. A minimum capacitance of 10
µF is recommended. The actual capacitance value is
dependent upon load current, temperature, and the capacitor’s equivalent series resistance (ESR).
The least stable condition is encountered at maximum load current and minimum ambient
temperature.
Vin
S1*
0.1
Input
Switch/
Reset
Gnd
3
1
4
Standby
Main
Output
2
20 k
LM2935
5.0 V/750 mA
+
10
Typical Application Circuit
This device contains 29 active transistors.
5
5.0 V/10 mA
+
10
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Continuous
VI
60
Vdc
Transient Reverse Polarity Input Voltage
1.0% Duty Cycle,
τ ≤ 100 ms
–VI(τ)
–50
Vpk
Switch/Reset Input Current
Iin
5.0
mA
Power Dissipation
Case 314A, 314B and 314D (TO–220 Type)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Case 936A (D2PAK)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
Per Figure 1
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Operating Junction Temperature Range
TJ
– 40 to +150
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 500 mA, Istby = 0 mA, CO = 10 µF, Cstby = 10 µF, TJ = 25°C [Note 1].)
Characteristic
Symbol
Min
Typ
Max
Unit
MAIN OUTPUT
Output Voltage (Vin = 6.0 V to 26 V, IO = 5.0 mA to 500 mA, TJ = – 40 to +125°C)
VO
4.75
5.0
5.25
V
Line Regulation
Vin = 9.0 V to 16 V, IO = 5.0 mA
Vin = 6.0 V to 26 V, IO = 5.0 mA
Regline
4.0
10
25
50
mV
Load Regulation (IO = 5.0 mA to 500 mA)
Regload
10
50
mV
Output Impedance
IO = 500 mAdc and 10 mArms, f = 100 Hz to 10 kHz
ZO
200
m
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
100
µVrms
Long Term Stability
S
20
mV/kHR


유사한 부품 번호 - LM2935D2T

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM293 NSC-LM293 Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM293 TI1-LM293 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Guangdong Youtai Semico...
LM293 UMW-LM293 Datasheet
409Kb / 4P
   Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM293 PHILIPS-LM293 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Guangdong Kexin Industr...
LM293 KEXIN-LM293 Datasheet
102Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
More results

유사한 설명 - LM2935D2T

제조업체부품명데이터시트상세설명
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA30E00WHFP ROHM-BA30E00WHFP Datasheet
200Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA33D15HFP ROHM-BA33D15HFP Datasheet
181Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3259HFP ROHM-BA3259HFP Datasheet
191Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
Sipex Corporation
SP6265 SIPEX-SP6265 Datasheet
473Kb / 13P
   Dual Low-Dropout CMOS Voltage Regulator
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
   Dual Low-Noise, Low-Dropout Voltage Regulator
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
   Dual 1A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com