전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K-102 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 K-102
상세설명  Aluminum Flake
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

K-102 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  K-102 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.transmet.com
(614) 276-5522
engineering@transmet.com
DATA SHEET
K-102
Aluminum Flake
Shape
Length
Width
Thickness
Repose Angle
Density
Square Flake
.04" (1000 microns)
.04" (1000 microns)
.001" (25 microns)
44 degrees
20 pound / cubic foot
Transmet Aluminum Flakes are
rapidly solidified in proprietary
melt spinning process. Flakes
are uniform in size and shape.
99.92% pure Aluminum.
Packaging:
25 lb (11.34 kg) bag


유사한 부품 번호 - K-102

제조업체부품명데이터시트상세설명
logo
PREMO CORPORATION S.L
K-102 PREMO-K-102 Datasheet
156Kb / 1P
   Coils and Chokes for general use
More results

유사한 설명 - K-102

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
logo
Vishay Barry
RA1000-50-10X BARRY-RA1000-50-10X Datasheet
559Kb / 1P
   Aluminum Nitride
Rev.A 03/26/07
D04Z-50R0J2T-01C36-X BARRY-D04Z-50R0J2T-01C36-X Datasheet
182Kb / 1P
   ALUMINUM NITRIDE
Rev. A 04/18/08
RA1000-50-13X BARRY-RA1000-50-13X Datasheet
561Kb / 1P
   Aluminum Nitride
Rev.A 03/26/07
AA1000-10-3X BARRY-AA1000-10-3X Datasheet
563Kb / 1P
   ALUMINUM NITRIDE
Rev.A 08/31/06
AA0800-250-15X BARRY-AA0800-250-15X Datasheet
79Kb / 1P
   Aluminum Nitride
Rev.A 04/25/12
ABC2010CT-0300JN-2T BARRY-ABC2010CT-0300JN-2T Datasheet
548Kb / 1P
   Aluminum Nitride
10/24/06
AVC2335CT-1000JN-2T-09 BARRY-AVC2335CT-1000JN-2T-09 Datasheet
73Kb / 1P
   ALUMINUM NITRIDE
07/02/12
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com