전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM358DR2 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LM358DR2
상세설명  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358DR2 데이터시트(HTML) 4 Page - ON Semiconductor

  LM358DR2 Datasheet HTML 1Page - ON Semiconductor LM358DR2 Datasheet HTML 2Page - ON Semiconductor LM358DR2 Datasheet HTML 3Page - ON Semiconductor LM358DR2 Datasheet HTML 4Page - ON Semiconductor LM358DR2 Datasheet HTML 5Page - ON Semiconductor LM358DR2 Datasheet HTML 6Page - ON Semiconductor LM358DR2 Datasheet HTML 7Page - ON Semiconductor LM358DR2 Datasheet HTML 8Page - ON Semiconductor LM358DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = Gnd, TA = 25°C, unless otherwise noted.)
LM258
LM358
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 5.0 V to 30 V (26 V for LM2904, V),
VIC = 0 V to VCC –1.7 V, VO ] 1.4 V, RS = 0 Ω
VIO
mV
TA = 25°C
2.0
5.0
2.0
7.0
TA = Thigh (Note 6)
7.0
9.0
TA = Tlow (Note 6)
7.0
9.0
Average Temperature Coefficient of Input Offset
Voltage
∆VIO/∆T
7.0
7.0
µV/°C
TA = Thigh to Tlow (Note 6)
Input Offset Current
IIO
3.0
30
5.0
50
nA
TA = Thigh to Tlow (Note 6)
100
150
Input Bias Current
IIB
–45
–150
–45
–250
TA = Thigh to Tlow (Note 6)
–50
–300
–50
–500
Average Temperature Coefficient of Input Offset
Current
∆IIO/∆T
10
10
pA/
°C
TA = Thigh to Tlow (Note 6)
Input Common Mode Voltage Range (Note 7),
VCC = 30 V
(26 V for LM2904, V)
VICR
0
28.3
0
28.3
V
VCC = 30 V (26 V for LM2904, V),
TA = Thigh to Tlow
0
28
0
28
Differential Input Voltage Range
VIDR
VCC
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kΩ, VCC = 15 V, For Large VO Swing,
50
100
25
100
TA = Thigh to Tlow (Note 6)
25
15
Channel Separation
CS
–120
–120
dB
1.0 kHz
≤ f ≤ 20 kHz, Input Referenced
Common Mode Rejection
CMR
70
85
65
70
dB
RS ≤ 10 kΩ
Power Supply Rejection
PSR
65
100
65
100
dB
Output Voltage–High Limit
TA = Thigh to Tlow (Note 6)
VOH
V
VCC = 5.0 V, RL = 2.0 kΩ, TA = 25°C
3.3
3.5
3.3
3.5
VCC = 30 V (26 V for LM2904, V), RL = 2.0 kΩ
26
26
VCC = 30 V (26 V for LM2904, V), RL = 10 kΩ
27
28
27
28
Output Voltage–Low Limit
VOL
5.0
20
5.0
20
mV
VCC = 5.0 V, RL = 10 kΩ,
TA = Thigh to Tlow (Note 6)
Output Source Current
IO +
20
40
20
40
mA
VID = +1.0 V, VCC = 15 V
Output Sink Current
IO –
VID = –1.0 V, VCC = 15 V
10
20
10
20
mA
VID = –1.0 V, VO = 200 mV
12
50
12
50
µA
Output Short Circuit to Ground (Note 8)
ISC
40
60
40
60
mA
Power Supply Current (Total Device)
TA = Thigh to Tlow (Note 6)
ICC
mA
VCC = 30 V (26 V for LM2904, V), VO = 0 V, RL = ∞
1.5
3.0
1.5
3.0
VCC = 5 V, VO = 0 V, RL = ∞
0.7
1.2
0.7
1.2
6. LM258: Tlow = –25°C, Thigh = +85°C
LM358: Tlow = 0°C, Thigh = +70°C
LM2904/LM2904A: Tlow = –40°C, Thigh = +105°C
LM2904V & NCV2904: Tlow = –40°C, Thigh = +125°C
NCV2904 is qualified for automotive use.
7. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC –1.7 V.
8. Short circuits from the output to VCC can cause excessive heating and eventual destruction. Destructive dissipation can result from
simultaneous shorts on all amplifiers.


유사한 부품 번호 - LM358DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM358DR2 ONSEMI-LM358DR2 Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM358DR2G ONSEMI-LM358DR2G Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM358DR2G ONSEMI-LM358DR2G Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DR2G ONSEMI-LM358DR2G Datasheet
142Kb / 14P
   Single Supply Dual Operational Amplifiers
October, 2016 ??Rev. 32
LM358DR2G ONSEMI-LM358DR2G Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results

유사한 설명 - LM358DR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
   J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com