전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHY9130CM 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRHY9130CM
상세설명  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHY9130CM 데이터시트(HTML) 1 Page - International Rectifier

  IRHY9130CM Datasheet HTML 1Page - International Rectifier IRHY9130CM Datasheet HTML 2Page - International Rectifier IRHY9130CM Datasheet HTML 3Page - International Rectifier IRHY9130CM Datasheet HTML 4Page - International Rectifier IRHY9130CM Datasheet HTML 5Page - International Rectifier IRHY9130CM Datasheet HTML 6Page - International Rectifier IRHY9130CM Datasheet HTML 7Page - International Rectifier IRHY9130CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -12V, TC = 25°C Continuous Drain Current
-11
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-7.0
IDM
Pulsed Drain Current ➀
-44
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
150
mJ
IAR
Avalanche Current ➀
-11
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-16
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in (1.6mm)from case for 10s)
Weight
4.3 (Typical)
g
PD - 91400C
Pre-Irradiation
International Rectifier’s RADHard HEXFET® technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rdson and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
RADIATION HARDENED
JANSR2N7382
POWER MOSFET
THRU-HOLE (TO-257AA)
06/13/02
www.irf.com
1
100V, P-CHANNEL
RAD Hard
HEXFET
®
TECHNOLOGY
TO-257AA
Product Summary
Part Number Radiation Level
RDS(on)
ID
QPL Part Number
IRHY9130CM
100K Rads (Si)
0.30
-11A
JANSR2N7382
IRHY93130CM 300K Rads (Si)
0.30
-11A
JANSF2N7382
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Light Weight
For footnotes refer to the last page
IRHY9130CM
REF: MIL-PRF-19500/615


유사한 부품 번호 - IRHY9130CM

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHY9130CM IRF-IRHY9130CM Datasheet
122Kb / 8P
   Simple Drive Requirements
IRHY9130CM IRF-IRHY9130CM_15 Datasheet
122Kb / 8P
   Simple Drive Requirements
More results

유사한 설명 - IRHY9130CM

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHY7230CM IRF-IRHY7230CM Datasheet
105Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY67C30CM IRF-IRHY67C30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CM IRF-IRHY57230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57234CMSE IRF-IRHY57234CMSE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-257AA)
IRHY597130CM IRF-IRHY597130CM Datasheet
107Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597230CM IRF-IRHY597230CM Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9230CM IRF-IRHY9230CM Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
175Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7130CM IRF-IRHY7130CM Datasheet
108Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597034CM IRF-IRHY597034CM Datasheet
204Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com