전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

M390S2858DT1 데이터시트(HTML) 6 Page - Samsung semiconductor

부품명 M390S2858DT1
상세내용  128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo 

M390S2858DT1 데이터시트(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 12 page
 6 / 12 page
background image
REV. 0.0 Jan. 2002
M390S2858DT1
PC133 Registered DIMM
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
-7C
-7A
Operating current
(One bank active)
ICC1
Burst length =1
tRC
≥ tRC(min)
IO = 0 mA
2840
2660
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
422
mA
3
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
74
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
1070
mA
3
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
362
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
566
mA
3
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
218
Active standby current in
non power-down mode
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
1430
mA
3
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
902
mA
3
Operating current
(Burst mode)
ICC4
IO = 0mA
Page Burst
4 Banks activated
tCCD=2CLK
3020
3020
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
5000
4640
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
458
mA
3
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Measured with 1 PLL & 3 Drive ICs.
4. Unless otherwise noted, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ)
Notes :


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
M390S6450CT164Mx72 SDRAM DIMM with PLL & Register based on 64Mx4 4Banks 8K Ref. 3.3V Synchronous DRAMs with SPD 1 2 3 4 5 MoreSamsung semiconductor
KMM366S1623AT16Mx64 SDRAM DIMM based on 8Mx8 4Banks 4K Refresh 3.3V Synchronous DRAMs with SPD 1 2 3 4 5 MoreSamsung semiconductor
HDD128M72D18RPWDDR SDRAM Module 1024Mbyte 128Mx72bit based on 64Mx8 4Banks 8K Ref. 184Pin-DIMM with PLL & Register 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
M366S1623ET016Mx64 SDRAM DIMM based on 8Mx8 4Banks 4K Refresh 3.3V Synchronous DRAMs with SPD 1 2 3 4 5 MoreSamsung semiconductor
HSD32M64D8KPSynchronous DRAM Module 256Mbyte 32Mx64bit DIMM Unbuffered with Based on Stacked 16Mx8 4Banks 4K Ref. 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
HDD16M72D9RPWDDR SDRAM Module 128Mbyte 16Mx72bit based on 16Mx8 4Banks 4K Ref. 184Pin-DIMM with PLL & Register 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
M366S3323CT0-C7532Mx64 SDRAM DIMM based on 16Mx8 4Banks 4K Refresh 3.3V Synchronous DRAMs with SPD 1 2 3 4 5 MoreSamsung semiconductor
M366S3253DTS32Mx64 SDRAM DIMM based on 32Mx8 4Banks 8K Refresh 3.3V Synchronous DRAMs with SPD 1 2 3 4 5 MoreSamsung semiconductor
M366S3253BTS32Mx64 SDRAM DIMM based on 32Mx8 4Banks 8K Refresh 3.3V Synchronous DRAMs with SPD 1 2 3 4 5 MoreSamsung semiconductor
HDD32M72D9RPWDDR SDRAM Module 256Mbyte 32Mx72bit based on 32Mx8 4Banks 8K Ref. 184Pin-DIMM with PLL & Register 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn