전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC08D1500CIYB 데이터시트(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC08D1500CIYB
상세설명  High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1500CIYB 데이터시트(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC08D1500CIYB Datasheet HTML 4Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 5Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 6Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 7Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 8Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 9Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 10Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 11Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Converter Electrical Characteristics (Continued)
NOTE: This product is currently in development and the parameters specified in this section are DESIGN TARGETS.
The specifications in this section cannot be guaranteed until device characterization has taken place. The following
specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential 870mVP-P,CL
= 10 pF, Differential, a.c. coupled Sinewave Input Clock, f
CLK = 1.5 GHz at 0.5VP-P with 50% duty cycle, VBG = Floating, Non-
Extended Control Mode, SDR Mode, R
EXT = 3300
±0.1%, Analog Signal Source Impedance = 100Ω Differential. Boldface
limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
NORMAL MODE (Non DES) DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion
Ratio
f
IN = 248 MHz, VIN = FSR − 0.5 dB
46.3
TBD
dB (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
46.3
TBD
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
45.4
TBD
dB (min)
SNR
Signal-to-Noise Ratio
f
IN = 248 MHz, VIN = FSR − 0.5 dB
47.1
TBD
dB (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
47.1
TBD
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
46.3
TBD
dB (min)
THD
Total Harmonic Distortion
f
IN = 248 MHz, VIN = FSR − 0.5 dB
-55
-TBD
dB (max)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
-55
-TBD
dB (max)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
-53
-TBD
dB (max)
2nd Harm
Second Harmonic Distortion
f
IN = 248 MHz, VIN = FSR − 0.5 dB
−60
dB
f
IN = 498 MHz, VIN = FSR − 0.5 dB
−60
dB
f
IN = 748 MHz, VIN = FSR − 0.5 dB
−60
dB
3rd Harm
Third Harmonic Distortion
f
IN = 248 MHz, VIN = FSR − 0.5 dB
−65
dB
f
IN = 498 MHz, VIN = FSR − 0.5 dB
−65
dB
f
IN = 748 MHz, VIN = FSR − 0.5 dB
−65
dB
SFDR
Spurious-Free dynamic Range
f
IN = 248 MHz, VIN = FSR − 0.5 dB
55
TBD
dB (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
55
TBD
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
53
TBD
dB (min)
IMD
Intermodulation Distortion
f
IN1 = 321 MHz, VIN =FSR−7dB
f
IN2 = 326 MHz, VIN =FSR−7dB
-50
dB
Out of Range Output Code
(In addition to OR Output high)
(V
IN+)−(VIN−) > + Full Scale
255
(V
IN+)−(VIN−) < − Full Scale
0
INTERLEAVE MODE (DES Pin 127=Float) - DYNAMIC CONVERTER CHARACTERISTICS
FPBW
(DES)
Full Power Bandwidth
Dual Edge Sampling Mode
900
MHz
ENOB
Effective Number of Bits
f
IN = 498 MHz, VIN = FSR − 0.5 dB
7.3
TBD
Bits (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
7.2
TBD
Bits (min)
SINAD
Signal to Noise Plus Distortion
Ratio
f
IN = 498 MHz, VIN = FSR − 0.5 dB
46
TBD
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
45
TBD
dB (min)
SNR
Signal to Noise Ratio
f
IN = 498 MHz, VIN = FSR − 0.5 dB
46.4
TBD
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
45.4
TBD
dB (min)
THD
Total Harmonic Distortion
f
IN = 498 MHz, VIN = FSR − 0.5 dB
-58
-TBD
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
-57
-TBD
dB (min)
2nd Harm
Second Harmonic Distortion
f
IN = 498 MHz, VIN = FSR − 0.5 dB
-64
dB
f
IN = 748 MHz, VIN = FSR − 0.5 dB
-62
dB
3rd Harm
Third Harmonic Distortion
f
IN = 498 MHz, VIN = FSR − 0.5 dB
-69
dB
f
IN = 748 MHz, VIN = FSR − 0.5 dB
-69
dB
SFDR
Spurious Free Dynamic Range
f
IN = 498 MHz, VIN = FSR − 0.5 dB
57
TBD
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
57
TBD
dB (min)
www.national.com
8


유사한 부품 번호 - ADC08D1500CIYB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08D1500CIYB NSC-ADC08D1500CIYB Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500CIYB TI1-ADC08D1500CIYB Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500CIYB/NOPB TI1-ADC08D1500CIYB/NOPB Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
More results

유사한 설명 - ADC08D1500CIYB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com