전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EPT25DR2 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100EPT25DR2
상세설명  Differential LVECL/ECL to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT25DR2 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100EPT25DR2 Datasheet HTML 1Page - ON Semiconductor MC100EPT25DR2 Datasheet HTML 2Page - ON Semiconductor MC100EPT25DR2 Datasheet HTML 3Page - ON Semiconductor MC100EPT25DR2 Datasheet HTML 4Page - ON Semiconductor MC100EPT25DR2 Datasheet HTML 5Page - ON Semiconductor MC100EPT25DR2 Datasheet HTML 6Page - ON Semiconductor MC100EPT25DR2 Datasheet HTML 7Page - ON Semiconductor MC100EPT25DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
May, 2000 – Rev. 1
1
Publication Order Number:
MC100EPT25/D
MC100EPT25
Differential LVECL/ECL to
LVTTL Translator
The MC100EPT25 is a Differential LVECL/ECL to LVTTL
translator. This device requires +3.3V, –3.3V to –5.2V, and ground.
The small outline 8–lead SOIC package and the single gate of the
EPT25 make it ideal for applications which require the translation of a
clock or data signal.
The VBB output allows the EPT25 to also be used in a single–ended
input mode. In this mode the VBB output is tied to the D input for a
non–inverting buffer or the D input for an inverting buffer. If used, the
VBB pin should be bypassed to ground via a 0.01mF capacitator.
1.1ns Typical Propagation Delay
275MHz Fmax (Clock bit stream, not pseudo–random)
Differential LVECL/ECL inputs
Small Outline SOIC Package
24mA TTL outputs
Flow Through Pinouts
Internal Input Resistors: Pulldown on D, Pulldown and Pullup on D
Q Output will default LOW with inputs open or at GND
ESD Protection: >4000V HBM, >200V MM
VBB Output
New Differential Input Common Mode Range
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack.
For Additional Information, See Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 111 devices
1
2
3
45
6
7
8
Q
GND
VCC
Figure 1. 8–Lead Pinout (Top View) and Logic Diagram
D
NC
D
VBB
VEE
LVTTL
LVECL
PIN DESCRIPTION
PIN
Q
D, D
Differential LVECL Input Pair
FUNCTION
LVTTL Output
http://onsemi.com
VCC
VBB
Output Reference Voltage
Positive Supply
GND
Ground
VEE
Negative Supply
*For additional information, see Application Note
AND8002/D
SO–8
D SUFFIX
CASE 751
MARKING
DIAGRAMS*
1
8
ALYW
HPT25
1
8
ALYW
HR25
1
8
TSSOP–8
DT SUFFIX
CASE 948R
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
1
8
Device
Package
Shipping
ORDERING INFORMATION
MC100EPT25D
SO–8
98 Units / Rail
MC100EPT25DR2
SO–8
2500 / Reel
MC100EPT25DT
TSSOP–8
98 Units / Rail
MC100EPT25DTR2
TSSOP–8
2500 / Reel


유사한 부품 번호 - MC100EPT25DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EPT25DR2 ONSEMI-MC100EPT25DR2 Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
MC100EPT25DR2G ONSEMI-MC100EPT25DR2G Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
MC100EPT25DR2G ONSEMI-MC100EPT25DR2G Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
More results

유사한 설명 - MC100EPT25DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EPT24 ONSEMI-MC100EPT24 Datasheet
67Kb / 4P
   LVTTL/LVCOMS to Differential LVECL Translator
December, 1999 ??Rev. 1
MC100EPT24 ONSEMI-MC100EPT24_16 Datasheet
164Kb / 8P
   LVTTL/LVCMOS to Differential LVECL Translator
August, 2016 ??Rev. 10
MC100EPT24 ONSEMI-MC100EPT24_06 Datasheet
135Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVECL Translator
December, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
   LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
   LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_06 Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com