전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100LVE111FNR2 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100LVE111FNR2
상세설명  LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE111FNR2 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100LVE111FNR2 Datasheet HTML 1Page - ON Semiconductor MC100LVE111FNR2 Datasheet HTML 2Page - ON Semiconductor MC100LVE111FNR2 Datasheet HTML 3Page - ON Semiconductor MC100LVE111FNR2 Datasheet HTML 4Page - ON Semiconductor MC100LVE111FNR2 Datasheet HTML 5Page - ON Semiconductor MC100LVE111FNR2 Datasheet HTML 6Page - ON Semiconductor MC100LVE111FNR2 Datasheet HTML 7Page - ON Semiconductor MC100LVE111FNR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
April, 2002 – Rev. 5
1
Publication Order Number:
MC100LVE111/D
MC100LVE111
3.3VECL 1:9 Differential
Clock Driver
The MC100LVE111 is a low skew 1-to-9 differential driver, designed
with clock distribution in mind. The MC100LVE111’s function and
performance are similar to the popular MC100E111, with the added
feature of low voltage operation. It accepts one signal input, which can be
either differential or single-ended if the VBB output is used. The signal is
fanned out to 9 identical differential outputs.
The LVE111 is specifically designed, modeled and produced with low
skew as the key goal. Optimal design and layout serve to minimize gate
to gate skew within a device, and empirical modeling is used to determine
process control limits that ensure consistent tpd distributions from lot to
lot. The net result is a dependable, guaranteed low skew device.
To ensure that the tight skew specification is met it is necessary that
both sides of the differential output are terminated into 50
Ω, even if only
one side is being used. In most applications, all nine differential pairs will
be used and therefore terminated. In the case where fewer than nine pairs
are used, it is necessary to terminate at least the output pairs on the same
package side as the pair(s) being used on that side, in order to maintain
minimum skew. Failure to do this will result in small degradations of
propagation delay (on the order of 10–20 ps) of the output(s) being used
which, while not being catastrophic to most designs, will mean a loss of
skew margin.
The MC100LVE111, as with most other ECL devices, can be operated
from a positive VCC supply in PECL mode. This allows the LVE111 to
be used for high performance clock distribution in +3.3 V systems.
Designers can take advantage of the LVE111’s performance to distribute
low skew clocks across the backplane or the board. In a PECL
environment, series or Thevenin line terminations are typically used as
they require no additional power supplies. For systems incorporating
GTL, parallel termination offers the lowest power by taking advantage of
the 1.2 V supply as a terminating voltage. For more information on using
PECL, designers should refer to Application Note AN1406/D.
The VBB pin, an internally generated voltage supply, is available to this
device only. For single-ended input conditions, the unused differential
input is connected to VBB as a switching reference voltage. VBB may also
rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA. When not
used, VBB should be left open.
200 ps Part-to-Part Skew
50 ps Output-to-Output Skew
ESD Protection: >2 KV HBM, >200 V MM
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC= 3.0 V to 3.8 V with VEE = 0 V
NECL Mode Operating Range: VCC= 0 V with VEE = –3.0 V to –3.8 V
Internal Input Pulldown Resistors
Q Output will Default LOW with Inputs Open or at VEE
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 250 devices
Device
Package
Shipping
ORDERING INFORMATION
MC100LVE111FN
PLCC–28
37 Units/Rail
MC100LVE111FNR2
PLCC–28
500 Units/Reel
MARKING
DIAGRAM*
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
PLCC–28
FN SUFFIX
CASE 776
*For additional information, see Application Note
AND8002/D
MC100LVE111
AWLYYWW
128
http://onsemi.com


유사한 부품 번호 - MC100LVE111FNR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVE111FNR2 ONSEMI-MC100LVE111FNR2 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FNR2G ONSEMI-MC100LVE111FNR2G Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FNR2G ONSEMI-MC100LVE111FNR2G Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results

유사한 설명 - MC100LVE111FNR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com