전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EQY-2-24 데이터시트(HTML) 2 Page - Mini-Circuits

부품명 EQY-2-24
상세내용  Gain Equalizer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo 

EQY-2-24 데이터시트(HTML) 2 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 2 / 5 page
background image
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Gain Equalizer
50Ω
2dB
DC to 20 GHz
Microwave
simplified schematic & pad description
Function
Pad Number
Description
RF-IN
2
RF-Input pad
RF-OUT
7
RF-Output pad
GND
1,3,6,8 & Paddle
Ground
NC
4,5
No connection, connected to ground externally
Product Features
• 2.1 dB Slope
• Small Package 2 x 2 mm MCLP
• Wide Bandwidth, DC-20 GHz
• Excellent Return Loss, 20 dB typ.
General Description
EQY-2-24+ is an absorptive Gain Equalizer fabricated using highly repetitive GaAs IPD MMIC process
incorporating resistors, capacitors and inductors having negative insertion loss slope. EQY-2-24+ has a
nominal attenuation slope of 2.1 dB and is packaged in tiny 2 x 2 mm, 8-Lead MCLPTM package.
Typical Applications
• Fixed Satellite
• Mobile
• Radio location
• Space research
CASE STYLE: MC1631-1
EQY-2-24+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
RF-IN
RF-OUT
REV. OR
M171292
EQY-2-24+
GY/RS/CP
190103


Html Pages

1  2  3  4  5 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn