전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EQY-2-24 데이터시트(HTML) 3 Page - Mini-Circuits

부품명 EQY-2-24
상세내용  Gain Equalizer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo 

EQY-2-24 데이터시트(HTML) 3 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 3 / 5 page
background image
Gain Equalizer
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
EQY-2-24+
1. Measured on Mini-Circuits Characterization Test Board TB-EQY-2-24+. See Characterization Test Circuit (Fig. 1)
MCL
EW2
black body
model family designation
index over pad 1
Electrical Specifications1 at 25°C, 50Ω, unless otherwise noted.
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
20
GHz
Insertion Loss
0.01
2.8
3.0
3.4
dB
5
2.7
10
1.7
18
0.7
1.0
1.3
20
0.9
VSWR
0.01 -5
1.04
:1
5 - 10
1.16
10 - 18
1.25
18 - 20
1.11
Fig 1. Block Diagram of Test Circuit used for characterization. Test Board TB-EQY-2-24+
Conditions: Attenuation & Return Loss Pin=0 dBm
Characterization Test Circuit
Product Marking
4
1
2
3
5
8
7
6
RF-IN
RF-OUT
DUT
Operating Case Temperature
-55°C to 105°C
Storage Temperature
-65°C to 150°C
RF Input Power3
31 dBm
Absolute Maximum Ratings2
2. Permanent damage may occur if any of these limits are excedeed.
3. Derates linearly to 29 dBm at 105°C
Marking may contain other features or characters for internal lot control


Html Pages

1  2  3  4  5 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn