전자부품 데이터시트 검색엔진 |
|
HFCG-1100 데이터시트(PDF) 2 Page - Mini-Circuits |
|
HFCG-1100 데이터시트(HTML) 2 Page - Mini-Circuits |
2 / 3 page Notes A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document. B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com Ceramic HFCG-1100+ Applications • Transmitters / Receivers • Global positioning system(GPS) • Satellite broadcast applications Electrical Specifications(1,2) at 25°C CASE STYLE: GE0805C-2 Maximum Ratings Operating Temperature -40°C to 85°C Storage Temperature -55°C to 100°C RF Power Input* 4W Max. *Passband rating, derate linearly to 2W at 85°C ambient Permanent damage may occur if any of these limits are exceeded. REV.OR M170930 HFCG-1100+ EDU3266 URJ 190306 Page 2 of 3 Features • Small size • 7 sections • Temperature stable • Excellent power handling, 4W Typical Frequency Response Functional Schematic 50Ω 1400 to 3900 MHz High Pass Filter F1 F4 FREQUENCY (MHz) F5 DC F3 F2 F6 F7 RF IN RF OUT Typical Performance Data at 25°C 0 5 10 15 20 25 30 500 1000 1500 2000 2500 3000 3500 4000 FREQUENCY (MHz) HFCG-1100+ INSERTION LOSS (Zoomed) Frequency (MHz) Insertion Loss (dB) VSWR (:1) 10 81.85 88.24 100 67.38 72.00 250 58.76 56.02 530 53.61 38.21 700 31.04 28.40 710 30.07 27.69 750 26.27 25.31 810 20.86 20.70 900 13.06 12.23 970 7.44 6.03 1040 3.33 2.45 1050 2.96 2.17 1100 1.78 1.32 1400 0.97 1.47 1500 0.78 1.28 2000 0.53 1.30 2500 0.44 1.25 3000 0.37 1.11 3200 0.42 1.29 3900 1.10 2.29 Parameter F# Frequency (MHz) Min. Typ. Max. Unit Stop Band Rejection Loss DC-F1 DC-530 40 53 - dB DC-F2 DC-700 20 30 - dB Freq. Cut-Off F3 1050 - 3.0 - dB VSWR DC-F2 DC-700 - 20 - :1 Pass Band Insertion Loss F4-F7 1400-3900 - 1.6 2.5 dB F5-F6 1500-3200 - 1.2 2 dB VSWR F4-F6 1400-3200 - 1.6 - :1 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 1000 1500 2000 2500 3000 3500 4000 FREQUENCY (MHz) HFCG-1100+ VSWR 0 10 20 30 40 50 60 70 80 0 500 1000 1500 2000 2500 3000 3500 4000 FREQUENCY (MHz) HFCG-1100+ INSERTION LOSS (Full band) (1) In Application where DC voltage is present at either input or output ports, coupling capacitors are required. (2) Measured on Mini-Circuits Characterization Test Board TB-1090+. +RoHS Compliant The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications |
유사한 부품 번호 - HFCG-1100 |
|
유사한 설명 - HFCG-1100 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |