전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HT15G100J500CT 데이터시트(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

부품명 HT15G100J500CT
부품 상세설명  Halogen Free & RoHS Compliance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

HT15G100J500CT 데이터시트(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  HT15G100J500CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 4 of 11
ASC_High Temperature Cap_(HT)_026B_AS
Dec. 2018
7. CAPACITANCE RANGE
7-1. X8G Dielectric 0402, 0603, 0805 Sizes
DIELECTRIC
X8G
SIZE
0402
0603
0805
RATED VOLTAGE
(VDC)
10
16
25
50
10
16
25
50
100
10
16
25
50
100
0.1pF (0R1)
0.2pF (0R2)
N
N
N
N
0.3pF (0R3)
N
N
N
N
0.4pF (0R4)
N
N
N
N
0.5pF (0R5)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.0pF (1R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.2pF (1R2)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.5pF (1R5)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.8pF (1R8)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.0pF (2R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.2pF (2R2)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.7pF (2R7)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.0pF (3R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.3pF (3R3)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.9pF (3R9)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
4.0pF (4R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
4.7pF (4R7)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
5.0pF (5R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
5.6pF (5R6)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
6.0pF (6R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
6.8pF (6R8)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
7.0pF (7R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
8.0pF (8R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
8.2pF (8R2)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
9.0pF (9R0)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
10pF (100)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
12pF (120)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
15pF (150)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
18pF (180)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
22pF (220)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
27pF (270)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
33pF (330)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
39pF (390)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
47pF (470)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
56pF (560)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
68pF (680)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
82pF (820)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
100pF (101)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
120pF (121)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
150pF (151)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
180pF (181)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
220pF (221)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
270pF (271)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
330pF (331)
N
N
N
N
S
S
S
S
S
A
A
A
A
A
390pF (391)
N
N
N
N
S
S
S
S
S
B
B
B
B
B
470pF (471)
N
N
N
N
S
S
S
S
S
B
B
B
B
B
560pF (561)
S
S
S
S
S
B
B
B
B
B
680pF (681)
S
S
S
S
S
B
B
B
B
B
820pF (821)
S
S
S
S
S
B
B
B
B
B
1,000pF (102)
S
S
S
S
S
B
B
B
B
B
1,200pF (122)
X
X
X
X
B
B
B
B
B
1,500pF (152)
X
X
X
X
B
B
B
B
B
1,800pF (182)
X
X
X
X
B
B
B
B
B
2,200pF (222)
X
X
X
X
B
B
B
B
B
2,700pF (272)
X
X
X
X
D
D
D
D
D
3,300pF (332)
X
X
X
X
D
D
D
D
D
3,900pF (392)
D
D
D
D
D
4,700pF (472)
D
D
D
D
D
5,600pF (562)
D
D
D
D
6,800pF (682)
D
D
D
D
8,200pF (822)
D
D
D
D
0.010uF (103)
D
D
D
D
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn