์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HT15G100J500CT ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

๋ถ€ํ’ˆ๋ช… HT15G100J500CT
์ƒ์„ธ๋‚ด์šฉ  Halogen Free & RoHS Compliance
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ํ™ˆํŽ˜์ด์ง€  http://www.passivecomponent.com/
Logo 

HT15G100J500CT ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 5 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 5 of 11
ASC_High Temperature Cap_(HT)_026B_AS
Dec. 2018
7-1. X8G Dielectric 1206, 1210 Sizes
DIELECTRIC
X8G
SIZE
1206
1210
RATED VOLTAGE
(VDC)
10
16
25
50
100
10
16
25
50
1.0pF (1R0)
1.2pF (1R2)
B
B
B
B
B
1.5pF (1R5)
B
B
B
B
B
1.8pF (1R8)
B
B
B
B
B
2.0pF (2R0)
B
B
B
B
B
2.2pF (2R2)
B
B
B
B
B
2.7pF (2R7)
B
B
B
B
B
3.0pF (3R0)
B
B
B
B
B
3.3pF (3R3)
B
B
B
B
B
3.9pF (3R9)
B
B
B
B
B
4.0pF (4R0)
B
B
B
B
B
4.7pF (4R7)
B
B
B
B
B
5.0pF (5R0)
B
B
B
B
B
5.6pF (5R6)
B
B
B
B
B
6.0pF (6R0)
B
B
B
B
B
6.8pF (6R8)
B
B
B
B
B
7.0pF (7R0)
B
B
B
B
B
8.0pF (8R0)
B
B
B
B
B
8.2pF (8R2)
B
B
B
B
B
9.0pF (9R0)
B
B
B
B
B
10pF (100)
B
B
B
B
B
C
C
C
C
12pF (120)
B
B
B
B
B
C
C
C
C
15pF (150)
B
B
B
B
B
C
C
C
C
18pF (180)
B
B
B
B
B
C
C
C
C
22pF (220)
B
B
B
B
B
C
C
C
C
27pF (270)
B
B
B
B
B
C
C
C
C
33pF (330)
B
B
B
B
B
C
C
C
C
39pF (390)
B
B
B
B
B
C
C
C
C
47pF (470)
B
B
B
B
B
C
C
C
C
56pF (560)
B
B
B
B
B
C
C
C
C
68pF (680)
B
B
B
B
B
C
C
C
C
82pF (820)
B
B
B
B
B
C
C
C
C
100pF (101)
B
B
B
B
B
C
C
C
C
120pF (121)
B
B
B
B
B
C
C
C
C
150pF (151)
B
B
B
B
B
C
C
C
C
180pF (181)
B
B
B
B
B
C
C
C
C
220pF (221)
B
B
B
B
B
C
C
C
C
270pF (271)
B
B
B
B
B
C
C
C
C
330pF (331)
B
B
B
B
B
C
C
C
C
390pF (391)
B
B
B
B
B
C
C
C
C
470pF (471)
B
B
B
B
B
C
C
C
C
560pF (561)
B
B
B
B
B
C
C
C
C
680pF (681)
B
B
B
B
B
C
C
C
C
820pF (821)
B
B
B
B
B
C
C
C
C
1,000pF (102)
B
B
B
B
B
C
C
C
C
1,200pF (122)
B
B
B
B
B
C
C
C
C
1,500pF (152)
B
B
B
B
B
C
C
C
C
1,800pF (182)
B
B
B
B
B
C
C
C
C
2,200pF (222)
B
B
B
B
B
C
C
C
C
2,700pF (272)
B
B
B
B
B
C
C
C
C
3,300pF (332)
B
B
B
B
B
C
C
C
C
3,900pF (392)
B
B
B
B
B
C
C
C
C
4,700pF (472)
B
B
B
B
B
C
C
C
C
5,600pF (562)
B
B
B
B
B
C
C
C
C
6,800pF (682)
C
C
C
C
C
C
C
C
C
8,200pF (822)
D
D
D
D
D
C
C
C
C
0.010
ยตF (103)
D
D
D
D
D
C
C
C
C
0.012
ยตF (123)
D
D
D
D
0.015
ยตF (153)
D
D
D
D
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn