전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HT15G100J500CT 데이터시트(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

부품명 HT15G100J500CT
상세내용  Halogen Free & RoHS Compliance
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo 

HT15G100J500CT 데이터시트(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Zoom Inzoom in Zoom Outzoom out
/ 11 page
 6 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 6 of 11
ASC_High Temperature Cap_(HT)_026B_AS
Dec. 2018
7-2. X8R Dielectric 0603, 0805, 1206 Sizes
DIELECTRIC
X8R
SIZE
0402
0603
0805
RATED VOLTAGE
(VDC)
10
16
25
50
10
16
25
50
10
16
25
50
100pF (101)
N
N
N
N
S
S
S
S
D
D
D
D
120pF (121)
N
N
N
N
S
S
S
S
D
D
D
D
150pF (151)
N
N
N
N
S
S
S
S
D
D
D
D
180pF (181)
N
N
N
N
S
S
S
S
D
D
D
D
220pF (221)
N
N
N
N
S
S
S
S
D
D
D
D
270pF (271)
N
N
N
N
S
S
S
S
D
D
D
D
330pF (331)
N
N
N
N
S
S
S
S
D
D
D
D
390pF (391)
N
N
N
N
S
S
S
S
D
D
D
D
470pF (471)
N
N
N
N
S
S
S
S
D
D
D
D
560pF (561)
N
N
N
N
S
S
S
S
D
D
D
D
680pF (681)
N
N
N
N
S
S
S
S
D
D
D
D
820pF (821)
N
N
N
N
S
S
S
S
D
D
D
D
1,000pF (102)
N
N
N
N
S
S
S
S
D
D
D
D
1,200pF (122)
N
N
N
N
S
S
S
S
D
D
D
D
1,500pF (152)
N
N
N
N
S
S
S
S
D
D
D
D
1,800pF (182)
N
N
N
N
S
S
S
S
D
D
D
D
2,200pF (222)
N
N
N
N
S
S
S
S
D
D
D
D
2,700pF (272)
S
S
S
S
D
D
D
D
3,300pF (332)
S
S
S
S
D
D
D
D
3,900pF (392)
S
S
S
S
D
D
D
D
4,700pF (472)
S
S
S
S
D
D
D
D
5,600pF (562)
S
S
S
S
D
D
D
D
6,800pF (682)
S
S
S
S
D
D
D
D
8,200pF (822)
S
S
S
S
D
D
D
D
0.010
µF (103)
S
S
S
S
D
D
D
D
0.012
µF (123)
D
D
D
D
0.015
µF (153)
D
D
D
D
0.018
µF (183)
D
D
D
D
0.022
µF (223)
D
D
D
D
0.027
µF (273)
D
D
D
D
0.033
µF (333)
D
D
D
D
0.039
µF (393)
D
D
D
D
0.047
µF (473)
D
D
D
D
0.056
µF (563)
0.068
µF (683)
0.082
µF (823)
0.10
µF (104)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.
8. PACKAGING STYLE AND QUANTITY
Size
Thickness (mm)/Symbol
Paper tape
Plastic tape
7” reel
13” reel
7” reel
13” reel
0402 (1005)
0.50±0.05
N
10,000
50,000
-
-
0603 (1608)
0.80±0.07
S
4,000
15,000
-
-
0.80+0.15/-0.10
X
4,000
15,000
-
-
0805 (2012)
0.60±0.10
A
4,000
15,000
-
-
0.80±0.10
B
4,000
15,000
-
-
1.25±0.10
D
-
-
3,000
10,000
1206 (3216)
0.80±0.10
B
4,000
15,000
-
-
0.95±0.10
C
-
-
3,000
10,000
1.25±0.10
D
-
-
3,000
10,000
1210 (3225)
0.95±0.10
C
-
-
3,000
10,000
1.25±0.10
D
-
-
3,000
10,000
Unit: pieces


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn