전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HT15G100J500CT 데이터시트(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

부품명 HT15G100J500CT
상세내용  Halogen Free & RoHS Compliance
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo 

HT15G100J500CT 데이터시트(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 8 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 11
ASC_High Temperature Cap_(HT)_026B_AS
Dec. 2018
No.
Item
Test Condition
Requirements
12. Temperature
Cycle
* Conduct the five cycles according to the temperatures and
time.
Step
Temp. (°C)
Time (min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0
30±3
4
Room temp.
2~3
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change:
X8G: within ±2.5% or ±0.25pF whichever is larger.
X8R: within ±7.5%
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
13. Humidity
(Damp Heat)
Steady State
* Test temp.: 40±2°C
* Humidity: 90~95% RH
* Test time: 500+24/-0hrs.
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: X8G: within ±5.0% or ±0.5pF whichever is larger.
X8R: within ±12.5%
* Q/D.F. value:
X8G: Cap
≥30pF, Q≥350; 10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF; Q
≥200+10C
X8R:
≤7.5%
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.
14. Humidity
(Damp Heat)
Load
* Test temp.: 40±2°C
* Humidity: 90~95%RH
* Test time: 500+24/-0 hrs.
* To apply voltage:rated voltage
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: X8G: within ±7.5% or ±0.75pF whichever is larger.
X8R: within ±12.5%
* Q/D.F. value:
X8G: Cap
≥30pF, Q≥200; Cap<30pF, Q≥100+10/3C
X8R:
≤7.5%
* I.R.:
≥500M or RxC≥25 -F whichever is smaller.
15. High
Temperature
Load
(Endurance)
* Test temp.:
X8G, X8R: 150±3°C
* To apply voltage: 200% of rated voltage.
* Test time: 1000+24/-0 hrs.
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change: X8G: within ±3.0% or ±0.3pF whichever is larger.
X8R: within ±12.5%
* Q/D.F. value:
X8G: Cap
≥30pF, Q≥350
10pF
≤Cap<30pF, Q≥275+2.5C
Cap<10pF, Q
≥200+10C
X8R:
≤7.5%
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn