전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HT15G100J500CT 데이터시트(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

부품명 HT15G100J500CT
상세내용  Halogen Free & RoHS Compliance
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo 

HT15G100J500CT 데이터시트(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 2 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 2 of 11
ASC_High Temperature Cap_(HT)_026B_AS
Dec. 2018
1. DESCRIPTION
MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT and achieve miniaturization,
high density and high efficiency, ceramic condensers are used.
WTC’s HT Series High Temperature Multilayer Ceramic Capacitors is designed with high temperature components by
offering maximum operating temperature range and higher reliability performance up to 150°C. These MLC Cs are
manufactured with X8G and X8R dielectric materials. They provide a highly reliable capacitor with low loss and stable
capacitance over temperature. These MLCCs are ideal for most high temperature and reliability market sectors as well.
4. HOW TO ORDER
HT
15
G
100
J
500
C
T
Series
HT=High
Temperature
Size
15=0402 (1005)
18=0603 (1608)
21=0805 (2012)
31=1206 (3216)
32=1210 (3225)
Dielectric
G=X8G
R=X8R
Capacitance
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
eg.:
0R5=0.5pF
1R0=1.0pF
100=10x10
0
=10pF
Tolerance
A=±0.05pF
B=±0.1pF
C=±0.25pF
D=±0.5pF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Rated voltage
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
100=10 VDC
160=16 VDC
250=25 VDC
500=50 VDC
101=100 VDC
Termination
C=Cu/Ni/Sn
Packaging
T=7” reeled
G= 13” reeled
2. FEATURES
a. These products have no polarity.
b. Their electrostatic capacity temperature response is
stable at 15% even in high temperature ranges
(up to 150°C).
c. Larger capacity and smaller size (0402 size) with
X8G/X8R characteristics
3. APPLICATIONS
a. Measuring instruments used in high temperature
environments.
b. For time constants and filter circuitry (up to 125°C).
c. LCD display
d. Sensor Module
e. Smoothing and decoupling applications for other
devices that operate at high temperature
h. Other automotive/industrial sets that must withstand
high temperatures


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn