전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HT15G100J500CT 데이터시트(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

부품명 HT15G100J500CT
상세내용  Halogen Free & RoHS Compliance
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo 

HT15G100J500CT 데이터시트(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 3 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 11
ASC_High Temperature Cap_(HT)_026B_AS
Dec. 2018
5. EXTERNAL DIMENSIONS
6. GENERAL ELECTRICAL DATA
Dielectric
X8G
X8R
Size
0402, 0603, 0805, 1206, 1210
Capacitance
0.2pF to 0.015µF
100pF to 0.047µF
Capacitance tolerance*
Cap
≤5pF: A (±0.05pF), B (±0.1pF),C (±0.25pF)
5pF<Cap<10pF: C (±0.25pF), D (±0.5pF)
Cap
≥10pF: F (±1%), G (±2%), J (±5%), K (±10%)
K (±10%), M (±20%)
Rated voltage (WVDC)
10V, 16V, 25V, 50V, 100V
Q/DF*
Cap<30pF: Q
≥400+20C
Cap
≥30pF: Q≥1000
DF
≤5%
Insulation resistance at Ur**
10G
or RxC
≥500 -F whichever is smaller
Operating temperature
-55 to +150°C
Capacitance characteristic
±30ppm/°C
±15%
Termination
Ni/Sn (lead-free termination)
* Measured at the condition of 30~70% related humidity.
X8G: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient temperature
X8R: Apply 1.0±0.2Vrms, 1.0kHz±10%, 25°C at ambient temperature
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour and then leave i n ambient condition for 24±2
hours before measurement.
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Remark
MB (mm)
0402 (1005)
1.00±0.05
0.50±0.05
0.50±0.05
N
#
0.25
+0.05/-0.10
0603(1608)
1.60±0.10
0.80±0.10
0.80±0.07
S
0.40±0.15
1.60
+0.15/-0.10
0.80
+0.15/-0.10
0.80
+0.15/-0.10
X
0805 (2012)
2.00±0.15
1.25±0.10
0.60±0.10
A
0.50±0.20
0.80±0.10
B
1.25±0.10
D
#
1206 (3216)
3.20±0.15
1.60±0.15
0.80±0.10
B
0.60±0.20
0.95±0.10
C
1.25±0.10
D
#
1210 (3225)
3.20±0.30
2.50±0.20
0.95±0.10
C
#
0.75±0.25
1.25±0.10
D
#
# Reflow soldering only is recommended.
T
W
L
MB
MB
Fig. 1 The outline of MLCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn