전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S242N100J502CT 데이터시트(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

부품명 S242N100J502CT
상세설명  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

S242N100J502CT 데이터시트(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button S242N100J502CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 6 of 11
ASC Safety Certified X1/Y2_(S2)_010X_AS
May. 2019
9. RELIABILITY TEST CONDITIONS AND REQUIREMENTS
No.
Item
Standard
Method
Test Condition
Requirements
1. Visual
examination
and
Dimensions
IEC 60384-1
4.1
* No remarkable defect.
* Dimensions to confirm to individual specification
sheet.
2. Capacitance IEC 60384-1
4.2.2
* Class I : (C0G)
Cap.
≤1000pF, 1.0±0.2Vrms, 1MHz±10%.
Cap.>1000pF, 1.0±0.2Vrms, 1KHz±10%.
* Class II : (X7R)
1.0±0.2Vrms, 1KHz±10%.
* Capacitance is within specified tolerance.
* CR means rated capacitance for conform to the E6
series of preferred values given in IEC 60063.
3. D.F.
(Dissipation
Factor)
Tangent
of
loos angle
IEC 60384-1
4.2.3
Dielectric
Q/D.F.
Remark
Class I
(C0G)
Q
≥1000
Cap.
≥30pF
Q
≥400+20C
Cap.<30pF
Class II (X7R)
D.F.
≤2.5%
4. Temperature
Coefficient
IEC
60384-21/22
4.6
With no electrical load.
T.C.
Operating Temp
C0G(NP0)
-55~125°C at 25°C
X7R
-55~125°C at 25°C
T.C.
Capacitance Change
C0G(NP0)
Within ±30ppm/℃
X7R
Within ±15%
5. Voltage proof
(Dielectric
Strength)
IEC 60384-14
4.2.1
* To apply voltage :
X Capacitor : 1075Vdc (4.3UR).
Y Capacitor : 1500Vac.
* Duration : 60 sec.
* The charge current shall not exceed 0.05A.
* The voltage shall be raised from the near zero to
the test voltage a rate not exceeding
150V(r.m.s.)/sec.
* No evidence of damage or flash over during
test.
6. Insulation
Resistance
IEC
60384-21/22
4.5.3
Rated
Vol.(V)
Apply
Voltage
Charge
Current
Charge
Time
>500
500Vdc
≤50mA 60 sec.
Dielectric
Requirements
Class I (C0G)
≥100G or RxC≥1000 -F,
whichever is smaller
Class II (X7R)
≥10G or RxC≥500 -F,
whichever is smaller
7. Solderability IEC
60384-21/22
4.10
* Solder temperature: 235±5°C(0201~1210).
* Solder temperature: 245±5°C(1808~2225).
* Dipping time : 2±0.5 sec.
* 75% min. coverage of all metalized area.
8. Resistance
to Soldering
Heat
IEC 60384-14
4.4
IEC
60384-21/22
4.9
* Solder temperature : 260±5°C.
* Dipping time : 10±1 sec.
* Preheating : 120 to 150°C for 1 minute before
immerse the capacitor in a eutectic solder.
* Measurement to be made after keeping at room
temperature for 24±2 hrs.
Dielectric I.R.
Cap. Change
Q/D.F.
Class I
(C0G)
≥1G
Within ±2.5% or
±0.25pF, whichever
is larger
≤100% of
initial
requireme
nt
Class II
(X7R)
≥1G Within ±7.5%
9. Temperature
Cycle
IEC
60384-21/22
4.11
* Conduct the five cycles according to the
temperatures and time.
Step
Temp.(°C)
Time(min.)
1
Min. operating
temp. +0/-3
30±3
2
Room temp.
2~3
3
Max.operating
temp. +3/-0
30±3
4
Room temp.
2~3
* Measurement to be made after keeping at room
temperature for 24±2 hrs.
Dielectric
I.R.
Cap. Change Q/D.F.
Class I
(C0G)
To meet
initial
require
ment
Within ±2.5%
or ±0.25pF,
whichever is
larger
≤1.0(Q) ×
initial
requirement
Class II
(X7R)
Within ±7.5%
≤1.5(D.F.) ×
initial
requirement


유사한 부품 번호 - S242N100J502CT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
S24 FAIRCHILD-S24 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S24 ETC2-S24 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S24 RFE-S24 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
PANDUIT CORP.
S24-120Q PANDUIT-S24-120Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S24-120Q0 PANDUIT-S24-120Q0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

유사한 설명 - S242N100J502CT

제조업체부품명데이터시트상세설명
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
DIYI Electronic Technol...
MMSZ5221B DYELEC-MMSZ5221B Datasheet
954Kb / 2P
   H igh Stability and High Reliability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
   High Stability, Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com