์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S342N100J252CT ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

๋ถ€ํ’ˆ๋ช… S342N100J252CT
์ƒ์„ธ๋‚ด์šฉ  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ํ™ˆํŽ˜์ด์ง€  http://www.passivecomponent.com/
Logo 

S342N100J252CT ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 5 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 5 of 11
ASC Safety Certified X2_(S3)_011Y_AS
May. 2019
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.
DIELECTRIC
X7R
SIZE
1808
1812
2220
PEAK IMPULSE VOLTAGE
2500
Certificated
TUV
IEC60384-14
UL
60384
TUV
IEC60384-14
UL
60384
TUV
IEC60384-14
UL
60384
150pF (151)
G
G
160pF (161)
G
G
180pF (181)
G
G
220pF (221)
G
G
270pF (271)
G
G
G
G
300pF (301)
G
G
G
G
330pF (331)
G
G
G
G
390pF (391)
G
G
G
G
470pF (471)
G
G
G
G
560pF (561)
G
G
G
G
680pF (681)
G
G
G
G
720pF (721)
G
G
G
G
820pF (821)
G
G
G
G
1,000pF (102)
K
K
G
G
1,200pF (122)
K
K
G
G
1,500pF (152)
K
K
K
K
1,800pF (182)
K
K
K
K
2,200pF (222)
K
K
M
M
2,700pF (272)
M
M
3,300pF (332)
M
M
3,900pF (392)
M
M
4,700pF (472)
M
M
5,600pF (562)
M
M
0.010uF(103)
M
M
0.012uF(123)
M
M
0.015uF(153)
M
M
0.018uF(183)
M
M
0.022uF(223)
U
U


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn