전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S342N100J252CT 데이터시트(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

부품명 S342N100J252CT
상세내용  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo 

S342N100J252CT 데이터시트(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 7 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 7 of 11
ASC Safety Certified X2_(S3)_011Y_AS
May. 2019
No.
Item
Standard
Method
Test Condition
Requirements
10. Humidity
(Damp Heat)
Steady State
IEC 60384-14
4.12
* Test temp. : 40±2°C.
* Humidity : 90~95% RH.
* Test time : 500 +24/-0hrs.
* Applied voltage : 250Vac.
* Measurement to be made after keeping at room
temp. for 24±2 hrs (Class I) and 48±4 hrs (Class
II).
* No remarkable damage.
Dielectr
ic
I.R.
Cap. Change
Q/D.F.
Class I
(C0G)
≥1G or
RxC
25 -F,
whichever
is
smaller
Within ±3.0% or
±2pF, whichever
is larger
≤0.25%
Class II
(X7R)
Within ±15%
≤2.0(D.F.)
× initial
requireme
nt
11. Passive
Flammability
IEC 60384-14
4.17
IEC 60384-1
4.38
* Volume sample: 21.56 mm
3
* Flame exposure time: 5 sec Max.
* Category of flammability : C.
* Capacitor didn’t burn at all.
12. Active
Flammability
IEC
60384-21/22
4.18
* The capacitors applied UR (250Vac). Then each
sample shall be subjected to 20 discharges from a
tank capacitor, charge to a voltage that, when
discharged, plase Ui 2500V for X2, across the
capacitor under test. The interval between
successive discharges shall be 5 sec.
* The cheese cloth shall not burn with a flame.
13. High
Temperature
Load
(Endurance)
IEC 60384-14
4.14
* Impulse Voltage :
Each individual capacitor shall be subjected to a Vp
= 2.5KV (X2 Class Impulse 2.5KV) impulse for
three times before applied to endurance test.
* Test temp. : 125±3°C.
* Test time: 1000 +48/-0 hrs.
* Applied voltage :
X capacitor: 1.25UR (312.5Vac).
Once every hour the voltage shall be increased to
1000Vrms for 0.1 sec.
* Measurement to be made after keeping at room
temp. for 24±2 hrs (Class I) and 48±4 hrs (Class
II).
* Appearance :
No mechanical damage.
* Cap. change :
C0G within ±5% or ±0.5pF, whichever is larger.
X7R within ±20%.
* D.F. value :
C0G
≤0.25%.
X7R
≤5.0%.
* I.R.
≥1G .
* Dielectric strength satisfies the specified initial
value.
14. Resistance
to Flexure of
Substrate
IEC
60384-21/22
4.8
* Capacitors mounted on a substrate. The board
shall be bent 1mm with a rate of 1mm/sec.
* No remarkable damage.
Dielectric
Cap. Change
Class I
(C0G)
Within ±3.0% or ±2pF, whichever is
larger
Class II
(X7R)
Within ±12.5%
(This capacitance change means the change of
capacitance under specified flexure of substrate
from the capacitance measured before the test)
R = 230
20
50
45
±1
45
±1
1mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn