์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S342N100J252CT ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

๋ถ€ํ’ˆ๋ช… S342N100J252CT
์ƒ์„ธ๋‚ด์šฉ  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ํ™ˆํŽ˜์ด์ง€  http://www.passivecomponent.com/
Logo 

S342N100J252CT ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 8 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 11
ASC Safety Certified X2_(S3)_011Y_AS
May. 2019
No.
Item
Standard
Method
Test Condition
Requirements
15. Adhesive
Strength
of
Termination
IEC
60384-21/22
4.15
IEC 60384-1
4.13
* Capacitors mounted on a substrate. A force of 10N
applied perpendicular to the place of substrate
and parallel the line joining the center of
terminations for 10ยฑ1 sec.
* No remarkable damage or removal of the
terminations.
16. Vibration
IEC 60384-1
4.17
* Reflow solder the capacitors on P. C. Board before
test.
* Vibration frequency : 10~55 Hz/min.
* Total amplitude : 1.5mm.
* Repeat the conditions for 2 hours each in 3
perpendicular directions.
* No remarkable damage.
* Cap. change and Q/D.F. : To meet initial spec.
17. Impulse
Voltage
IEC
60384-14
4.13
* X2 : 2.5KV.
.
* Number of impulse : 24 max.
* There shall be no permanent breakdown or
flashover.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn