전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S342N100J252CT 데이터시트(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

부품명 S342N100J252CT
상세내용  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo 

S342N100J252CT 데이터시트(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 9 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 9 of 11
ASC Safety Certified X2_(S3)_011Y_AS
May. 2019
EMBOSSED TAPE DIMENSIONS
Size
1808
1812
2211
2220
Chip
Thickness
1.25±±±±0.10
1.40±±±±0.15
1.60±±±±0.20
2.00±±±±0.20
1.25±±±±0.10
1.60±±±±0.20
2.00±±±±0.20
2.50±±±±0.30 1.60±±±±0.20
2.00±±±±0.20
2.50±±±±0.30
2.80±±±±0.30 2.00±±±±0.20
2.50±±±±0.30
2.80±±±±0.30
A0
<2.50
<2.50
<3.90
<3.90
<3.30
<3.30
<5.80
<5.80
B0
<5.30
<5.30
<5.30
<5.30
<6.50
<6.50
<6.50
<6.50
T
0.25±0.10
0.25±0.10
0.25±0.10
0.25±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
K0
<2.50
<2.50
<2.50
<3.50
<2.50
<3.50
<2.50
<3.50
W
12.0±0.30
12.0±0.30
12.0±0.30
12.0±0.30
12.0±0.30
12.0±0.30
12.0±0.30
12.0±0.30
P0
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
10xP0
40.0±0.20
40.0±0.20
40.00±0.20
40.00±0.20
40.0±0.20
40.0±0.20
40.00±0.20
40.00±0.20
P1
4.00±0.10
4.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
P2
2.00±0.10
2.00±0.10
2.00±0.10
2.00±0.10
2.00±0.10
2.00±0.10
2.00±0.10
2.00±0.10
D0
1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0
D1
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
E
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
F
5.50±0.10
5.50±0.10
5.50±0.10
5.50±0.10
5.50±0.10
5.50±0.10
5.50±0.10
5.50±0.10
Size
1808, 1812, 2211, 2220
Reel size
7”
13”
C
13.0+0.5/-0.2
13.0+0.5/-0.2
W1
12.4+2.0/-0
12.4+2.0/-0
A
178.0±1.0
330.0±1.0
N
60.0+1.0/-0
100±1.0
Fig. 3 The dimension of reel
Fig. 2 The dimension of plastic tape


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn