전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S342N100J252CT 데이터시트(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

부품명 S342N100J252CT
상세내용  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo 

S342N100J252CT 데이터시트(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 3 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 11
ASC Safety Certified X2_(S3)_011Y_AS
May. 2019
5. EXTERNAL DIMENSIONS & STRUCTURE
6. GENERAL ELECTRICAL DATA
Dielectric
NP0
X7R
Size
1808, 1812
1808, 1812, 2220
Capacitance*
3pF to 1000pF
150pF to 0.022uF
Capacitance tolerance
Cap.<10pF: D (±0.5pF)
Cap.
≥10pF: F (±1%), G (±2%), J (±5%),
K (±10%), M (±20%)
J (±5%), K (±10%), M (±20%)
Rated voltage (WVAC)
250Vac
Q/ DF(Tan δ)
Cap<30pF: Q
≥400+20C
DF
≤2.5%
Insulation resistance at Ur
≥10G
Peak impulse voltage
2500V
Operating temperature
-55 to +125°C
Capacitance characteristic
±30ppm/°C
±15%
Termination
Ni/Sn (lead-free termination)
Certified number
TUV: R50195920, TUV: R50381780, UL: E182369
Test standard
EN 60384-14 : 2013, IEC 60384-14 : 2013, UL 60384-14 (Ed 2.0)
* NP0: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, at 25°C ambient temperature.
* X7R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25°C ambie nt temperature.
7. PACKAGE DIMENSION AND QUANTITY
Size
Thickness (mm)/Symbol
Plastic tape
7” reel
13” reel
1808 (4520)
1.40±0.15
F
2k
-
1.60
±0.20
G
2k
8k
2.00±0.20
K
1k
6k
1812 (4532)
1.25
±0.10
D
1k
-
1.60
±0.20
G
1k
2.00±0.20
K
1k
-
2.50±0.30
M
0.5k
3k
2220 (5750)
2.00±0.20
K
1k
-
2.50±0.30
M
0.5k
2k
2.80±0.30
U
0.5k
-
Unit: pieces
Size
Inch (mm)
L (mm)
W (mm)
T (mm)
CP
(mm)
MB (mm)
1808 (4520)
4.50 +0.5/-0.3 2.03±0.25
1.25±0.10 (D)
1.40±0.15 (F)
1.60±0.20 (G)
2.00±0.20 (K)
2.50±0.30 (M)
2.80±0.30 (U)
≥3.5 0.50±0.25
1812 (4532)
4.50 +0.5/-0.3 3.20±0.40
≥3.5 0.50±0.25
2220 (5750)
5.70±0.40
5.00±0.40
≥4.0 0.60±0.30
# Reflow soldering only is recommended.
T
W
L
M
B
M
B
CP
Fig. 1 The outline of MLCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn