전자부품 데이터시트 검색엔진 |
|
MX-826GE-C 데이터시트(PDF) 1 Page - DATEL, Inc. |
|
MX-826GE-C 데이터시트(HTML) 1 Page - DATEL, Inc. |
|
1 / 1 page Part Number MX-826GE-C, Multiplexers Specifications Number of Channels 8 Settling Time 300 ns Acquisition Time 225 ns Power Consumption 0.395 W Package Type DDIP Input Range 1st (min) -10 V Input Range 1st (max) 10 V Required Supply Voltage 1st 5 V Required Supply Voltage 3rd 15 V Required Supply Voltage 4th -15 V Analog Bandwidth 8.5 MHz Operating Temp. Range (min) -40 ºC Operating Temp. Range (max) +100 ºC RoHS Yes Status Recommended for new design 8-Channel Precision Analog Multiplexer (MUX), Settling to 0.0003% Accuracy in 400nS. Precision, High Speed, 8-Channel, Analog Multiplexer, ±10V Input/Output Voltage Range, -40°C to +100°C temperature range, surface mount package, RoHS Compliant. The MX-826 is a precision, high-speed multiplexer characterized for 10, 12 and 14 Bit applications. The performance benchmarks are its 225 nanoseconds maximum settling time to ±0.01% accuracy and its unprecedented specification of accuracy to ±0.003%. DATEL Innovation & Excellence DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com © DATEL is a registered trademark of DATEL, Inc. 9/2/2019 | Page 1 of 1 |
유사한 부품 번호 - MX-826GE-C |
|
유사한 설명 - MX-826GE-C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |