์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MX-826GM-C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - DATEL, Inc.

๋ถ€ํ’ˆ๋ช… MX-826GM-C
์ƒ์„ธ๋‚ด์šฉ  Multiplexers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  DATEL [DATEL, Inc.]
ํ™ˆํŽ˜์ด์ง€  http://www.datel.com/
Logo 

MX-826GM-C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - DATEL, Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 1 page
 1 / 1 page
background image
Part Number MX-826GM-C, Multiplexers
Specifications
Number of Channels
8
Settling Time
300 ns
Acquisition Time
225 ns
Power Consumption
0.395 W
Package Type
DDIP
Input Range 1st (min)
-10 V
Input Range 1st (max)
10 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Analog Bandwidth
8.5 MHz
Operating Temp. Range (min)
-55 ยบC
Operating Temp. Range (max)
+125 ยบC
RoHS
Yes
Status
Recommended for new design
8-Channel Precision Analog Multiplexer (MUX), Settling to 0.0003% Accuracy in 400nS. Precision, High
Speed, 8-Channel, Analog Multiplexer, ยฑ10V Input/Output Voltage Range, -55ยฐC to +125ยฐC temperature
range, surface mount package, RoHS Compliant. The MX-826 is a precision, high-speed multiplexer
characterized for 10, 12 and 14 Bit applications. The performance benchmarks are its 225 nanoseconds
maximum settling time to ยฑ0.01% accuracy and its unprecedented specification of accuracy to ยฑ0.003%.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
ยฉ DATEL is a registered trademark of DATEL, Inc.
9/2/2019 | Page 1 of 1


Html Pages

1 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn