전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MX-826MC 데이터시트(PDF) 1 Page - DATEL, Inc.

부품명 MX-826MC
상세설명  Multiplexers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DATEL [DATEL, Inc.]
홈페이지  http://www.datel.com/
Logo DATEL - DATEL, Inc.

MX-826MC 데이터시트(HTML) 1 Page - DATEL, Inc.

  MX-826MC Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number MX-826MC, Multiplexers
Specifications
Number of Channels
8
Settling Time
300 ns
Acquisition Time
225 ns
Power Consumption
0.395 W
Package Type
DDIP
Input Range 1st (min)
-10 V
Input Range 1st (max)
10 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Analog Bandwidth
8.5 MHz
Operating Temp. Range (min)
0 ºC
Operating Temp. Range (max)
+70 ºC
RoHS
No
Status
Recommended for new design
8-Channel Precision Analog Multiplexer (MUX), Settling to 0.0003% Accuracy in 400nS. Precision, High
Speed, 8-Channel, Analog Multiplexer, ±10V Input/Output Voltage Range, 0°C to +70°C temperature range.
The MX-826 is a precision, high-speed multiplexer characterized for 10, 12 and 14 Bit applications. The
performance benchmarks are its 225 nanoseconds maximum settling time to ±0.01% accuracy and its
unprecedented specification of accuracy to ±0.003%.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
9/2/2019 | Page 1 of 1


유사한 부품 번호 - MX-826MC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MX-826MC ETC1-MX-826MC Datasheet
61Kb / 3P
   Precision, High-Speed 8-Channel, Analog Multiplexers
logo
Murata Manufacturing Co...
MX-826MC MURATA-MX-826MC Datasheet
59Kb / 3P
   Precision, High-Speed 8-Channel, Analog Multiplexers
logo
DATEL, Inc.
MX-826MC DATEL-MX-826MC Datasheet
156Kb / 3P
   Precision, High-Speed 8-Channel Analog Multiplexers
MX-826MC-C DATEL-MX-826MC-C Datasheet
109Kb / 1P
   Multiplexers
MX-826MC-C DATEL-MX-826MC-C Datasheet
156Kb / 3P
   Precision, High-Speed 8-Channel Analog Multiplexers
More results

유사한 설명 - MX-826MC

제조업체부품명데이터시트상세설명
logo
DATEL, Inc.
MX-826MM DATEL-MX-826MM Datasheet
109Kb / 1P
   Multiplexers
MX-826MC-C DATEL-MX-826MC-C Datasheet
109Kb / 1P
   Multiplexers
MX-826ME-C DATEL-MX-826ME-C Datasheet
109Kb / 1P
   Multiplexers
MX-826MM-C DATEL-MX-826MM-C Datasheet
109Kb / 1P
   Multiplexers
MX-850MM DATEL-MX-850MM Datasheet
109Kb / 1P
   Multiplexers
MX-850MM-QL DATEL-MX-850MM-QL Datasheet
109Kb / 1P
   Multiplexers
MX-826883 DATEL-MX-826883 Datasheet
109Kb / 1P
   Multiplexers
MX-826G883 DATEL-MX-826G883 Datasheet
109Kb / 1P
   Multiplexers
logo
Microsemi Corporation
TSC350 MICROSEMI-TSC350 Datasheet
732Kb / 4P
   Multiplexers
logo
DATEL, Inc.
MX-850MC-C DATEL-MX-850MC-C Datasheet
109Kb / 1P
   Multiplexers
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com