์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MBRS1660 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

๋ถ€ํ’ˆ๋ช… MBRS1660
์ƒ์„ธ๋‚ด์šฉ  16.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TSC [Taiwan Semiconductor Company, Ltd]
ํ™ˆํŽ˜์ด์ง€  http://www.taiwansemi.com
Logo 

MBRS1660 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
- 118 -
MBRS1635 THRU MBRS1660
16.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 60 Volts
Current
16.0 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25โ€(6.35mm)from case
Mechanical Data
Cases: JEDEC D2PAK molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
D
2PAK
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
โ„ƒambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBRS
1635
MBRS
1645
MBRS
1650
MBRS
1660
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
V
Maximum RMS Voltage
VRMS
24
31
35
42
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
V
Maximum Average Forward Rectified Current
at Tc=125
OC
I(AV)
16
A
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) at Tc=125
oC
IFRM
32.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at: (Note 2)
IF=16A, TC=25
oC
IF=16A, TC=125
oC
VF
0.63
0.57
0.75
0.65
V
Maximum Instantaneous Reverse Current @ Tc =25
โ„ƒ
at Rated DC Blocking Voltage (Note 2) @ Tc=125
โ„ƒ
IR
0.2
40.0
1.0
50.0
mA
mA
M
aximum Typical Thermal Resistance(Note 3)
R
ฮธJC
1.5
โ„ƒ/W
Operating Junction Temperature Range
TJ
-65 to +150
โ„ƒ
Storage Temperature Range
T
STG
-65 to +175
โ„ƒ
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg
12
3


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
SRAF1620Isolation 16.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SRS162016.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRF1635Isolation 16.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SR1620PT16.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SRA162016.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRS2035CT20.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SR8028.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SRS202020.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBR1560CT15.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SR202020.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn