전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SMT8620520 데이터시트(HTML) 2 Page - celduc-relais

부품명 SMT8620520
상세내용  Three phase power solid state relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo 

SMT8620520 데이터시트(HTML) 2 Page - celduc-relais

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 2 / 6 page
background image
Control characteristics (at 25°C) / Caractéristiques de commande (à 25°C)
Parameter / Paramètre
Symbol
Min
DC
Nom
Max
Unit
Control voltage / Tension de commande
Control current (@Uc ) / Courant de commande
Release voltage / Tension de relachement
Input internal resistor / Résistance interne
Uc
Ic
4
Uc off
Rc
2
<25
30
Current regulator
V
mA
V
Reverse voltage / Tension inverse
-Uc
30
V
page 2 / 6F/GB
S/SMT8620520/A/27/03/2017
Sightpac®
r
e
l
a
i
s
www.celduc.com
celduc:
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
Output characteristics (at 25°C) / Caractéristiques de sortie (25°C)
Parameter per leg / Paramètre par voie
Operating voltage range / Plage de tension d'utilisation
Conditions
Symbol
Ue
Min
24
Typ.
400
Max
520
Unit
V rms
Peak voltage / Tension crête
Zero cross level / Niveau de synchronisme
Latching voltage / Tension minimum amorçage
Nominal current / Courant nominal @40°C (AC-51)
(1)
Up
Usync
Ie nom
Ua
Ie AC-51
10
1200
20
V
V
10
V
A rms
Nominal current / Courant nominal @40°C (AC-53)
(1)
Non repetitive overload current / Courant de surcharge
On state voltage drop / Chute directe à l'état passant
On state dynamic resistance / Résistance dynamique
tp=20ms
Ie AC-53
Itsm
@ 25°C
Vt
rt
Output power dissipation (max value) / Puissance dissipée
(max)
Thermal resistance between junction to case (one leg)
Résistance thermique jonction/semelle (1 voie)
Off state leakage current / Courant de fuite à l'état bloqué
Minimum load current / Courant minimum de charge
Pd
Rthj/c
@Ue typ, 50Hz
Ilk
Iemin
240
5
252
20
A rms
A
0,85
V
mΩ
0.9x0,85xIe + 0,02 x Ie²
1,7
5
W
K/W
1
mA
mA
Turn on time / Temps de fermeture (cycles)
Turn off time / Temps d'ouverture (cycles)
Operating frequency range / Fréquence utilisation
Off state dv/dt / dv/dt à l'état bloqué
ton max
toff max
F mains
f
dv/dt
Maximum di/dt non repetitive / di/dt max non répétitif
I2t (<10ms)
Conducted immunity level / Immunité conduite
Conducted immunity level / Immunité conduite
di/dt
I2t
IEC/EN61000-4-4 (bursts)
IEC/EN61000-4-5 (surge)
0,5
0,1
500
50-60
400
Hz
V/µs
380
2kV criterion A
2kV criterion A
50
A/µs
A2s
Short circuit protection / Protection court-circuit (@100kA)
type 2 coordination
Example
Fuse MERSEN type gRC
0,5
(1) : see thermal curves page 3


Html Pages

1  2  3  4  5  6 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn