전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SMT8620520 데이터시트(HTML) 3 Page - celduc-relais

부품명 SMT8620520
상세내용  Three phase power solid state relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo 

SMT8620520 데이터시트(HTML) 3 Page - celduc-relais

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 3 / 6 page
background image
General characteristics (at 25°C) / Caractéristiques générales
Symbol
Min
Input to output insulation / Isolement entrée/sortie
Output to case insulation / Isolation sortie/semelle
Ui
Ui
Typ.
Max
4000
2500
VRMS
VRMS
Insulation resistance / Résistance Isolement
Rated impulse voltage / Tenue aux tensions de chocs
Protection level / Degré de protection / CEI529
Pollution degree / Degré de pollution
Ri
Uimp
-
1000 (@500VDC)
4000
IP20
2
MΩ
V
Vibration withstand / Vibrations IEC60068-2-6
(2)
Shocks withstand / Tenue aux chocs IEC60068-2-6
Ambient temperature /Température de fonctionnement
Storage temperature / Température de stockage
(3)
-
-
Ambient humidity / Humidité relative
Weight / Poids
Conformity / Conformité
HR
1,5
30/50
-40 /+85
-40/+125
mm
g
°C
°C
40 to 85
100
EN60947-4-3 (IEC947-4-3)
EN60947-4-2 (IEC947-4-2)
%
g
Conformity (VDE laboratory) / Conformité
Conformity / Conformité
Housing Material / Matière du boitier
EN
UL/CSA
Housing Material / Matière du boitier
Base plate / Semelle
EN 62314
EN60950 / EN60335-1
Pending / en cours
PA 6 UL94VO
EN 60695-2 (VDE approval)
Tin plate Aluminum / Aluminium
page 3 / 6F/GB
S/SMT8620520/A/27/03/2017
Sightpac®
r
e
l
a
i
s
www.celduc.com
celduc:
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
Thermal curves and heatsink choice / Courbes thermiques & Choix dissipateur thermique:
Standard celduc heatsinks / Dissipateurs celduc standard:
- 6K/W corresponds to a relay mounted on a DIN rail adaptator like celduc 1LD12020
6K/W correspond à un relais monté sur un adaptateur DIN celduc type 1LD12020
- WF121000 /WF108110 =1.1-1.2K/W
- WF115100 = 0.9K/W
- WF070000 = 0.75K/W
- WF050000 = 0.55K/W
(2) : 10-150Hz, double amplitude / 10-150Hz double amplitude
(3) : no icing, no condensation / pas de glace, pas de condensation


Html Pages

1  2  3  4  5  6 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn