전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XKLD31006 데이터시트(PDF) 2 Page - celduc-relais

부품명 XKLD31006
상세설명  RELAIS STATIQUE A MOSFET POUR COURANT CONTINU
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

XKLD31006 데이터시트(HTML) 2 Page - celduc-relais

  XKLD31006 Datasheet HTML 1Page - celduc-relais XKLD31006 Datasheet HTML 2Page - celduc-relais XKLD31006 Datasheet HTML 3Page - celduc-relais XKLD31006 Datasheet HTML 4Page - celduc-relais XKLD31006 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
celduc®
r
e
l
a
i
s
S/INT/XKLD31006/B/15/05/18
PRELIMINARY
Page 2/5 UK
CONTROL INPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Nominal control voltage
Ucnom
12-24VDC
Nominal control current
Icnom
9-20mADC
Control voltage range
Uc
10 – 30VDC
Current consumption
Ic
7-26mADC
See fig. 5
Releasing voltage
Ucoffmax
1VDC
Max. reverse voltage
-Ucmax
30VDC
Input impedance
Rin
1000

See fig. 5
POWER OUTPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Mains Nominal voltage
Uenom
12-24-36VDC
Mains voltage range
Ue
10-40VDC
Non-repetitive peak voltage
Uep
60V
Overvoltage protection
D1
Pulse = 600W 1.2/50µs
Permanent = 0.5W
Reverse voltage drop
(internal diode)
-Ue
0.82VDC
@Ie=10A
@Uc=0
Maximum nominal currents
Ie
10A
See fig. 7
for limits
Non-repetitive peak overload
current
Iepeak
100A @10ms
See fig. 8
Min. load current
Iemin
0.1mA
Max. leakage current
Ielk
0.1mADC
@Uep @Tjmax
Max. on-state resistance
RDSon
14m
 @Tj=25°C
22.4m
 @Tj=125°C
@Iemax
Typ. output capacitance
Cout
360pF
@1MHz
@VDS=25V
@Uc=0
Junction/case thermal
resistance per power element
Rthjc
1K/W
Total = 1
power
elements
Relay/ambient thermal
resistance vertically mounted
Rthra
22K/W
@
Tra=60°C
Relay thermal time constant
Tthra
2min
@
Tra=60°C
Control inputs/power outputs
insulation voltage
Uimp
2.5kV
Inputs/case insulation voltage
Uimp
2.5kV
Outputs/case insulation voltage
Uimp
2.5kV
Isolation resistance
Rio
1G
Isolation capacitance
Cio
<8pF
Maximum junction temperature
Tjmax
175°C
Storage ambient temperature
Tstg
-40->+100°C
Operating ambient temperature
Tamb
-25->+90°C
See fig. 7
Max. case temperature
Tc
100°C


유사한 설명 - XKLD31006

제조업체부품명데이터시트상세설명
logo
celduc-relais
SCM0150100 CELDUC-SCM0150100 Datasheet
345Kb / 5P
   RELAIS STATIQUE A MOSFET POUR COURANT CONTINU
SDI0501710 CELDUC-SDI0501710 Datasheet
1,002Kb / 11P
   RELAIS STATIQUE A IGBT POUR COURANT CONTINU
SDI0501700 CELDUC-SDI0501700 Datasheet
1,002Kb / 11P
   RELAIS STATIQUE A IGBT POUR COURANT CONTINU
SGRD01006 CELDUC-SGRD01006 Datasheet
473Kb / 7P
   RELAIS STATIQUE INVERSEUR MOTEUR DC
SCB945600 CELDUC-SCB945600 Datasheet
129Kb / 3P
   Relais Statique Double Double Solid State Relay
logo
List of Unclassifed Man...
SC948100 ETC1-SC948100 Datasheet
84Kb / 2P
   Relais statique monophase de puissance Power Solid State Relay
logo
celduc-relais
SO96386H CELDUC-SO96386H Datasheet
317Kb / 5P
   Relais statique monophasé de puissance Single phase Power Solid State Relay
04/07/2012
logo
ZETTLER Electronics
AZ696 ZETTLER-AZ696 Datasheet
981Kb / 4P
   Relais
logo
List of Unclassifed Man...
OW5691 ETC-OW5691 Datasheet
99Kb / 4P
   Relais miniature de puissance
OA5612 ETC-OA5612 Datasheet
432Kb / 6P
   Relais de SECURITE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com