์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BK1608HW121-T ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

๋ถ€ํ’ˆ๋ช… BK1608HW121-T
์ƒ์„ธ๋‚ด์šฉ  Multilayer Chip Bead Inductors (BK series)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ํ™ˆํŽ˜์ด์ง€  http://www.t-yuden.com/
Logo 

BK1608HW121-T ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Multilayer Chip Bead Inductors (BK series)
BK1608HW121-T
Features
Item Summary
120ฮฉ, 0.6 A, 0603/1608 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 4000pcs
Products characteristics table
Impedance
120 ฮฉ ยฑ 25 %
Z Measuring Frequency
100 MHz
Case Size (EIA/JIS)
0603/1608
Rated Current (max)
0.6 A
DC Resistance (max)
0.15 ฮฉ
Operating Temp. Range
-55 to +125 โ„ƒ
RoHS Compliance (10 subst.)
Yes
REACH Compliance (197 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow/Wave
External Dimensions
Dimension L
1.6 ยฑ0.15 mm
Dimension W
0.8 ยฑ0.15 mm
Dimension T
0.8 ยฑ0.15 mm
Dimension e
0.3 ยฑ0.2 mm
2019.09.03
1 / 1


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn