전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES7144LV 데이터시트(PDF) 3 Page - Suzhou Everest Semiconductor Co. Ltd.

부품명 ES7144LV
상세설명  10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
홈페이지  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7144LV 데이터시트(HTML) 3 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7144LV Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Everest Semiconductor
ES7144LV
Rev 5.0
December, 2010
3
3. APPLICATION DESCRIPTIONS
Sampling Rate and Input Clocks
The serial audio input data is transmitted to the device at SDATA pin. According to the
sampling rate, the device can work in three speed modes, single speed, double
speed and quad speed. The device can detect the speed mode of the input data
stream automatically when the sampling rate falls into the auto detection ranges
listed in Table1. If the sampling rate is outside the auto detection ranges, the device
will not work properly.
MODE
Fs Auto Detection Range
CLKIN/LRCK Ratio
Single Speed
8kHz – 50kHz
256, 384, 512, 768, 1024
Double Speed
84kHz – 100kHz
128, 192, 256, 384, 512
Quad Speed
167kHz – 200kHz
128, 192, 256
The device works with the input system clock CLKIN, sample data clock LRCK and
bit clock SCLK. The data clock and bit clock must be synchronously derived from the
system clock with some specific rates. The device only supports the CLKIN/LRCK
ratios listed in Table1. The LRCK/SCLK ratio is normally 64. The device detects clock
ratios automatically, and it will not work properly if any ratio is incorrect.
Audio Data Input
The ES7144LV can accept I²S serial audio input data from 16-bit to 24-bit. The
device can detect the data word length automatically. The relationship of SDATA,
SCLK and LRCK for the format is illustrated through Figures 2.
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Power Up and Power Down
Upon applying VDD, the device will reset itself and enter power down state. During
this state, the device clamps outputs to ground and power down the device operation
except for clock management unit. Once proper CLKIN and LRCK clocks are applied,
the device will leave power down state, and the device outputs ramp from ground to
common mode voltage softly. Then the device enters the normal operation.
Table 1 Auto Detection Ranges and CLKIN/LRCK Ratio
Figure 2 I²S serial audio data format up to 24-bit


유사한 부품 번호 - ES7144LV

제조업체부품명데이터시트상세설명
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results

유사한 설명 - ES7144LV

제조업체부품명데이터시트상세설명
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Protek Devices
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
   24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7148 EVEREST-ES7148 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com