전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TQ3M31 데이터시트(PDF) 6 Page - TriQuint Semiconductor

부품명 TQ3M31
상세설명  Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ3M31 데이터시트(HTML) 6 Page - TriQuint Semiconductor

Back Button TQ3M31 Datasheet HTML 2Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 3Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 4Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 5Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 6Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 7Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 8Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 9Page - TriQuint Semiconductor TQ3M31 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TQ3M31
Data Sheet
6
For additional information and latest specifications, see our website: www.triquint.com
Typical Performance
PCS Band Test Conditions, unless Otherwise Specified: Vdd=2.8V, Tc=+25C, RF=1960MHz
CDMA High Gain Mode
Gain v Freq v Temp
10.00
10.50
11.00
11.50
12.00
12.50
13.00
13.50
14.00
14.50
15.00
1930
1945
1960
1975
1990
Frequency (MHz)
-30C
+25C
+85C
CDMA High Gain Mode
IIP3 v Freq v Temp
7.00
7.50
8.00
8.50
9.00
9.50
10.00
1930
1945
1960
1975
1990
Frequency (MHz)
-30C
+25C
+85C
CDMA High Gain Mode
Noise Figure v Freq v Temp
0.00
0.50
1.00
1.50
2.00
2.50
1930
1945
1960
1975
1990
Frequency (MHz)
-30C
+25C
+85C
CDMA High Gain Mode
Idd v Vdd v Temp
8.50
9.00
9.50
10.00
10.50
11.00
11.50
2.7
2.8
3
3.15
Voltage (Volts)
-30C
+25C
+85C
High Gain Low Linearity Mode
Gain v Freq v Temp
8.00
8.50
9.00
9.50
10.00
10.50
11.00
11.50
12.00
1930
1945
1960
1975
1990
Frequency (MHz)
-30C
+25C
+85C
High Gain Low Linearity Mode
IIP3 v Freq v Temp
5.00
5.50
6.00
6.50
7.00
7.50
8.00
1930
1945
1960
1975
1990
Frequency (MHz)
-30C
+25C
+85C


유사한 부품 번호 - TQ3M31

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
logo
Kyocera Kinseki Corpota...
TQ3C-8EAF0-E1YAL22-00 KSS-TQ3C-8EAF0-E1YAL22-00 Datasheet
513Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
More results

유사한 설명 - TQ3M31

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
New Japan Radio
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
logo
NXP Semiconductors
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
   Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
TriQuint Semiconductor
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com