전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25E64EB1TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 ST25E64EB1TR
상세설명  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25E64EB1TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button ST25E64EB1TR Datasheet HTML 2Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 3Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 4Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 5Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 6Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 7Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 8Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 9Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Symbol
Alt
Parameter
Min
Max
Unit
tCH1CH2
tR
Clock Rise Time
300
ns
tCL1CL2
tF
Clock Fall Time
300
ns
tDH1DH2
(1)
tR
SDA Rise Time
20
300
ns
tDL1DL1
(1)
tF
SDA Fall Time
20
300
ns
tCHDX
(2)
tSU:STA
Clock High to Input Transition
600
ns
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tDLCL
tHD:STA
Input Low to Clock Low (START)
600
ns
tCLDX
tHD:DAT
Clock Low to Input Transition
0
µs
tCLCH
tLOW
Clock Pulse Width Low
1.3
µs
tDXCX
tSU:DAT
Input Transition to Clock Transition
100
ns
tCHDH
tSU:STO
Clock High to Input High (STOP)
600
ns
tDHDL
tBUF
Input High to Input Low (Bus Free)
1.3
µs
tCLQV
(3)
tAA
Clock Low to Next Data Out Valid
200
1000
ns
tCLQX
tDH
Data Out Hold Time
200
ns
fC
fSCL
Clock Frequency
400
kHz
tW
tWR
Write Time
10
ms
Notes: 1. Sampled only, not 100% tested.
2. For a reSTART condition, or following a write cycle.
3. The minimum value delays the falling/rising edge of SDA away from SCL = 1 in order to avoid unwanted START and/or STOP
conditions.
Table 7. AC Characteristics
(TA = –40 to 85
°C or 0 to 70 °C; VCC = 4.5V to 5.5V or 2.5V to 5.5V)
Memory Addressing. A data byte in the memory
is addressed through 2 bytes of address informa-
tion. The Most Significant Byte is sent first and the
Least significant Byte is sent after. The Least Sig-
nificant Byte addresses a block of 256 bytes, bits
b12,b11,b10,b9,b8 of the Most Significant Byte
select one block among 32 blocks (one block is 256
bytes).
Most Significant Byte
X
X
X
b12
b11
b10
b9
b8
X = Don’t Care.
Least Significant Byte
b7
b6
b5
b4
b3
b2
b1
b0
DEVICE OPERATION (cont’d)
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing Ref. Voltages 0.3VCC to 0.7VCC
AC MEASUREMENT CONDITIONS
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Figure 4. AC Testing Input Output Waveforms
6/16
ST24E64, ST25E64


유사한 부품 번호 - ST25E64EB1TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST25E16 STMICROELECTRONICS-ST25E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
ST25E32 STMICROELECTRONICS-ST25E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B1TR STMICROELECTRONICS-ST25E32B1TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B3TR STMICROELECTRONICS-ST25E32B3TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B6TR STMICROELECTRONICS-ST25E32B6TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

유사한 설명 - ST25E64EB1TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com