전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1426DH 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI1426DH
상세설명  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1426DH 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI1426DH Datasheet HTML 1Page - Vishay Siliconix SI1426DH Datasheet HTML 2Page - Vishay Siliconix SI1426DH Datasheet HTML 3Page - Vishay Siliconix SI1426DH Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si1426DH
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71805
S-05803—Rev. A, 18-Feb-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
20
30
5
15
Single Pulse Power
Time (sec)
25
1
600
100
0.001
10–3
10–2
1
10
600
10–1
10–4
100
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ – Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA =100_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10–3
10–2
110
10–1
10–4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
0.1
10
0.01
10


유사한 부품 번호 - SI1426DH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1426DH VISHAY-SI1426DH Datasheet
71Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 18-Feb-02
SI1426DH VISHAY-SI1426DH Datasheet
206Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 07-Feb-05
SI1426DH VISHAY-SI1426DH Datasheet
245Kb / 10P
   N-Channel 30 V (D-S) MOSFET
Rev. B, 19-Apr-10
SI1426DH-T1 VISHAY-SI1426DH-T1 Datasheet
247Kb / 10P
   N-Channel 30 V (D-S) MOSFET
Rev. B, 19-Apr-10
SI1426DH VISHAY-SI1426DH_05 Datasheet
206Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 07-Feb-05
More results

유사한 설명 - SI1426DH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com