전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EL56 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC100EL56
상세설명  Dual Differential 2:1 Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL56 데이터시트(HTML) 3 Page - ON Semiconductor

  MC100EL56 Datasheet HTML 1Page - ON Semiconductor MC100EL56 Datasheet HTML 2Page - ON Semiconductor MC100EL56 Datasheet HTML 3Page - ON Semiconductor MC100EL56 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC100LVEL56 MC100EL56
4–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
MC100EL56
DC CHARACTERISTICS (VEE = –4.2V to –5.5V; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
24
20
24
20
24
20
24
mA
VBB
Output Reference Voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
IIH
Input HIGH Current
150
150
150
150
µA
IINL
Input LOW Current
Dn
Dn
0.5
–600
0.5
–600
0.5
–600
0.5
–600
µA
VPP(DC)
Input Sensitivity1
50
50
50
50
V
1. Differential input voltage required to obtain a full ECL swing on the outputs.
MC100EL56
AC CHARACTERISTICS (VEE = –4.2V to –5.5V; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation
D (Diff)
Delay
D (SE)
to Output
SEL
COMSEL
340
290
430
430
540
590
730
730
350
300
440
440
550
600
740
740
360
310
440
440
560
610
740
740
380
330
450
450
580
630
750
750
ps
tSKEW
Within–Device Skew1
40
80
40
80
40
80
40
80
ps
tSKEW
Duty Cycle Skew2
100
100
100
100
ps
VPP(AC)
Minimum Input Swing3
150
1000
150
1000
150
1000
150
1000
mV
VCMR
Common Mode Range4
VPP < 500mV
VPP ≥ 500mV
–3.2
–3.0
–0.4
–0.4
–3.3
–3.1
–0.4
–0.4
–3.3
–3.1
–0.4
–0.4
–3.3
–3.1
–0.4
–0.4
V
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
200
540
200
540
200
540
200
540
ps
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point
of the outputs.
3. Minimum input swing for which AC parameters are guaranteed.
4. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The
numbers in the spec table assume a nominal VEE = –4.5V. Note for PECL operation, the VCMR(min) will be fixed at 5.0V – |VCMR(min)|.


유사한 부품 번호 - MC100EL56

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56DW ONSEMI-MC100EL56DW Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DWG ONSEMI-MC100EL56DWG Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DWG ONSEMI-MC100EL56DWG Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
More results

유사한 설명 - MC100EL56

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
logo
Integrated Device Techn...
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
logo
Integrated Device Techn...
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V_06 Datasheet
50Kb / 5P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com