전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80138ALMC-JAXT2X 데이터시트(PDF) 26 Page - ABLIC Inc.

부품명 S-80138ALMC-JAXT2X
상세설명  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80138ALMC-JAXT2X 데이터시트(HTML) 26 Page - ABLIC Inc.

Back Button S-80138ALMC-JAXT2X Datasheet HTML 22Page - ABLIC Inc. S-80138ALMC-JAXT2X Datasheet HTML 23Page - ABLIC Inc. S-80138ALMC-JAXT2X Datasheet HTML 24Page - ABLIC Inc. S-80138ALMC-JAXT2X Datasheet HTML 25Page - ABLIC Inc. S-80138ALMC-JAXT2X Datasheet HTML 26Page - ABLIC Inc. S-80138ALMC-JAXT2X Datasheet HTML 27Page - ABLIC Inc. S-80138ALMC-JAXT2X Datasheet HTML 28Page - ABLIC Inc. S-80138ALMC-JAXT2X Datasheet HTML 29Page - ABLIC Inc. S-80138ALMC-JAXT2X Datasheet HTML 30Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Rev.4.2_01
26
Application Circuit Examples
Microcomputer Reset Circuits
If the power supply voltage to a microcomputer falls below the specified level, an unspecified
operation may be performed or the contents of the memory register may be lost. When power supply
voltage returns to normal, the microcomputer needs to be initialized before normal operations can be
done. Reset circuits protect microcomputers in the event of current being momentarily switched off
or lowered.
Reset circuits shown in Figures 22 to 23 can be easily constructed with the help of the S-801 series
that has low operating voltage, a high-precision detection voltage, hysteresis, and a built-in delay
circuit.
VSS
VDD
Microcomputer
S-
801xxAL
VSS
(Nch open-drain output products only.)
VDD1
VDD2
Microcomputer
S-
801xxAN
Figure 22 Ret Circuit (S-801xxAL)
Figure 23 Reset Circuit (S-801xxAN)
Caution The above connection diagram will not guarantees successful operation. Perform
through using the actual application to set the constant.


유사한 부품 번호 - S-80138ALMC-JAXT2X

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80138ALMC-JAXT2G SII-S-80138ALMC-JAXT2G Datasheet
336Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
More results

유사한 설명 - S-80138ALMC-JAXT2X

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-801 SII-S-801 Datasheet
336Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com