전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-812C31BPI-C4LTFU 데이터시트(PDF) 53 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세설명  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 53 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU Datasheet HTML 48Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 49Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 50Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 51Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 52Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 53Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 54Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 55Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 56Page - ABLIC Inc.  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
No.
TITLE
ANGLE
UNIT
ABLIC Inc.
0.6max.
0.73±0.03
mm
No. HR004-A-P-SD-1.0
WLP-4R-A-PKG Dimensions
HR004-A-P-SD-1.0
A1
B1
A2
B2
ON/OFF
VOUT
VSS
VIN
Pin No.
(S-812CXX)
0.4
ø0.22±0.03
0.06 S
S
B
A
1
2
A
B
4-(ø0.22)
ø0.05 M S AB
Symbol


유사한 부품 번호 - S-812C31BPI-C4LTFU

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-812C31BPI-C4LTFG SII-S-812C31BPI-C4LTFG Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
More results

유사한 설명 - S-812C31BPI-C4LTFU

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
ABLIC Inc.
S-1135 ABLIC-S-1135 Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
S-1333 ABLIC-S-1333 Datasheet
676Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1313 ABLIC-S-1313 Datasheet
825Kb / 56P
   5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com