전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 7 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 7 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU 데이터시트 HTML 3Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 4Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 5Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 6Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 7Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 8Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 9Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 10Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 11Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
S-812C Series
7
1. 3 S-812CxxE series
S-812C xx E UA - xxx T2 x
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact
our sales office)
IC direction in tape specifications
*1
Product code
*2
Package code
UA: SOT-89-3
Short-circuit protection function: Available
Power-off functio: Unavailable
Output voltage
20 to 60
(e.g. When the output voltage is 2.0 V,
it is expressed 20)
*1. Refer to the tape drawing.
*2. Refer to ?3. Product name list?.
2. Packages
Package name
Drawing code
Package
Tape
Reel
Ammo packing
Land
SNT-6A(H)
PI006-A-P-SD
PI006-A-C-SD
PI006-A-R-SD
?
PI006-A-L-SD
SOT-23-5
MP005-A-P-SD MP005-A-C-SD
MP005-A-R-SD
?
?
SOT-89-3
UP003-A-P-SD UP003-A-C-SD UP003-A-R-SD
?
?
SOT-89-5
UP005-A-P-SD UP005-A-C-SD UP005-A-R-SD
?
?
TO-92 (Bulk)
YS003-D-P-SD
?
?
?
?
TO-92 (Tape and ammo)
YZ003-E-P-SD YZ003-E-C-SD
?
YZ003-E-Z-SD
?
WLP-4R
HR004-A-P-SD HR004-A-C-SD HR004-A-R-SD
?
?


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn