전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(PDF) 1 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
부품 상세설명  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 1 Page - ABLIC Inc.

  S-812C31BPI-C4LTFU Datasheet HTML 1Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 2Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 3Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 4Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 5Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 6Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 7Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 8Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
S-812C Series
www.ablicinc.com
16 V INPUT, 75 mA
VOLTAGE REGULATOR
© ABLIC Inc., 2001-2017
Rev.7.0_01
1
The S-812C Series is a high-withstand voltage regulator IC which is developed by using the CMOS technology.
This IC is suitable for applications which require withstand because its maximum voltage for operation is as high
as 16 V, also for portable device having the low current consumption because this IC not only has the low
current consumption but also a ON/OFF circuit. This IC operates stably due to the internal phase compensation
circuit so that users are able to use ceramic capacitor as the output capacitor.
Features
 Output voltage:
2.0 V to 6.0 V, selectable in 0.1 V step
 Input voltage:
16 V max.
 Output voltage accuracy:
2.0%
 Dropout voltage:
120 mV typ. (5.0 V output product, IOUT = 10 mA)
 Current consumption:
During operation: 1.0
A typ., 1.8 A max. (3.0 V output product)
 Output current:
Possible to output 50 mA (3.0 V output product, VIN = 5 V)
*1
Possible to output 75 mA (5.0 V output product, VIN = 7 V)
*1
 Built-in ON/OFF circuit:
Selectable available / unavailable of power-off function
Selectable active “H” / “L” in the regulator
 Built-in short-circuit protection circuit:
Selectable available / unavailable of short-circuit protection circuit
Available short-circuit protection: Short-circuit current 40 mA typ.
 Operation temperature range:
Ta =
40C to 85C
 Lead-free, Sn 100%, halogen-free*2
*1. Attention should be paid to the power dissipation of the package when the load is large.
*2. Refer to “ Product Name Structure” for details.
Applications
 Constant-voltage power supply for home electric appliance
 Constant-voltage power supply for battery-powered device
 Constant-voltage power supply for communication device
Packages
 SNT-6A(H)
 SOT-23-5
 SOT-89-3
 SOT-89-5
 TO-92
 WLP-4R
www.ablic.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn